Electronic Components Datasheet Search
  English  ▼

X  

ADP2325 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP2325
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP2325 Datasheet HTML 24Page - Analog Devices ADP2325 Datasheet HTML 25Page - Analog Devices ADP2325 Datasheet HTML 26Page - Analog Devices ADP2325 Datasheet HTML 27Page - Analog Devices ADP2325 Datasheet HTML 28Page - Analog Devices ADP2325 Datasheet HTML 29Page - Analog Devices ADP2325 Datasheet HTML 30Page - Analog Devices ADP2325 Datasheet HTML 31Page - Analog Devices ADP2325 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
ADP2325
Data Sheet
Rev. 0 | Page 32 of 32
PACKAGING AND ORDERING INFORMATION
OUTLINE DIMENSIONS
Figure 61. 32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very Very Thin Quad
(CP-32-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage
Package Description2
Package Option
ADP2325ACPZ-R7
−40°C to +125°C
Adjustable
32-Lead LFCSP_WQ
CP-32-7
ADP2325-EVALZ
Evaluation Board
ADP2325-BL1-EVZ
Blank Dual Output Evaluation Board
ADP2325-BL2-EVZ
Blank Single Output Evaluation Board
1
Z = RoHS Compliant Part.
2
For the blank evaluation boards, users can request an unpopulated board from Analog Devices, Inc., through the ADIsimPower tool found at
www.analog.com/ADIsimPower, as well as generate schematics and a bill of materials from the tool.
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
PIN 1
INDICATOR
3.25
3.10 SQ
2.95
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.50
0.40
0.30
0.25 MIN
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10036-0-2/12(0)
www.analog.com/ADP2325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com