Electronic Components Datasheet Search
  English  ▼

X  

ADP2325 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP2325
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP2325 Datasheet HTML 22Page - Analog Devices ADP2325 Datasheet HTML 23Page - Analog Devices ADP2325 Datasheet HTML 24Page - Analog Devices ADP2325 Datasheet HTML 25Page - Analog Devices ADP2325 Datasheet HTML 26Page - Analog Devices ADP2325 Datasheet HTML 27Page - Analog Devices ADP2325 Datasheet HTML 28Page - Analog Devices ADP2325 Datasheet HTML 29Page - Analog Devices ADP2325 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADP2325
Data Sheet
Rev. 0 | Page 26 of 32
SOFT START TIME PROGRAMMING
The soft start feature allows the output voltage to ramp up in
a controlled manner, eliminating output voltage overshoot
during soft start and limiting inrush current. The soft start
time is set to 3 ms.
nF
5
.
17
V
6
.
0
ms
3
μA
5
.
3
V
6
.
0
=
×
=
×
=
SS
SS
SS
t
I
C
Choose a standard component value of CSS1 = CSS2 = 22 nF.
INPUT CAPACITOR SELECTION
A minimum 10 µF ceramic capacitor is required, placed near
the PVINx pin. In this application, one X5R ceramic capacitor of
10 µF and 25 V is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com