Electronic Components Datasheet Search
  English  ▼

X  

ADP2325 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2325
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2325 Datasheet HTML 13Page - Analog Devices ADP2325 Datasheet HTML 14Page - Analog Devices ADP2325 Datasheet HTML 15Page - Analog Devices ADP2325 Datasheet HTML 16Page - Analog Devices ADP2325 Datasheet HTML 17Page - Analog Devices ADP2325 Datasheet HTML 18Page - Analog Devices ADP2325 Datasheet HTML 19Page - Analog Devices ADP2325 Datasheet HTML 20Page - Analog Devices ADP2325 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADP2325
Rev. 0 | Page 17 of 32
BOOTSTRAP CIRCUITRY
The ADP2325 integrates the boot regulators to provide the gate
drive voltage for the high-side NFETs. The regulators generate
5 V bootstrap voltages between the BSTx and the SWx pins.
It is recommended that an X7R or X5R, 0.1 μF ceramic
capacitor be placed between the BSTx and the SWx pins.
LOW-SIDE DRIVER
The DLx pin provides the gate drive for the low-side N-channel
MOSFET. Internal circuitry monitors the gate driver signal to
ensure break-before-make switching to prevent crossconduction.
The VDRV pin provides the power supply to the low-side drivers.
It is limited to a 5.5 V maximum input; placing a 1 μF ceramic
capacitor close to this pin is recommended.
OSCILLATOR
A resistor from RT to GND programs the switching frequency
according to the following equation:
fSW [kHz] =
]
kΩ
[
000
60
OSC
R
,
A 200 kΩ resistor sets the frequency to 300 kHz, and a 100 kΩ
resistor sets the frequency to 600 kHz. Figure 46 shows the
typical relationship between fSW and ROSC.
Figure 46. fSW vs. ROSC
SYNCHRONIZATION
The SYNC pin can be configured as an input or an output by
setting the SCFG pin, as shown in Table 5.
Table 5. SCFG Configuration
SCFG
SYNC
Phase Shift
INTVCC
Output
0°
GND
Input
90°
180 kΩ to GND
Input
120°
100 kΩ to GND
Input
60°
When the SYNC pin is configured as an output, it generates a
clock with a frequency that is equal to the internal switching
frequency.
When the SYNC pin is configured as an input, the ADP2325 syn-
chronizes to the external clock that is applied to the SYNC pin, and
the internal clock must be programmed lower than the external
clock. The phase shift can be programmed by the SCFG pin.
When working in synchronization mode, the ADP2325 disables
the PFM mode and works only in the CCM mode.
SOFT START
Use the SSx pins to program the soft start time. Place a capacitor
between SSx and GND; an internal current charges this capacitor
to establish the soft start ramp. The soft start time can be calculated
using the following equation:
SS
SS
SS
I
C
t
V
6
.
0
where:
CSS is the soft start capacitance.
ISS is the soft start pull-up current (3.5 μA).
If the output voltage is precharged prior to power-up, the ADP2325
prevents the low-side MOSFET from turning on until the soft
start voltage exceeds the voltage on the FBx pin.
During soft start, the ADP2325 uses frequency foldback to
prevent output current runaway. The switching frequency is
reduced according to the voltage present at the FBx pin, which
allows more time for the inductor to discharge. The correlation
between the switching frequency and the FBx pin voltage is listed
in Table 6.
Table 6. FBx Pin Voltage and Switching Frequency
FBx Pin Voltage
Switching Frequency
VFB ≥ 0.4 V
fSW
0.4 V > VFB ≥ 0.2 V
1/2 fSW
VFB < 0.2 V
1/4 fSW
PEAK CURRENT-LIMIT AND SHORT-CIRCUIT
PROTECTION
The ADP2325 uses a peak current-limit protection circuit to
prevent current runaway. Place a resistor between DLx and PGND
to program the peak current-limit value, as listed in Table 7.
The programmable peak current-limit threshold feature allows
for the use of a small size inductor for low current applications.
Table 7. Peak Current-Limit Threshold Setting
RILIM
Peak Current-Limit Threshold
Floating
8 A
47 kΩ
4.8 A
The ADP2325 uses hiccup mode for overcurrent protection.
When the peak inductor current reaches the current-limit
threshold, the high-side MOSFET turns off and the low-side
driver turns on until the next cycle while the overcurrent counter
is incremented.
200
300
400
600
800
500
700
900
1000
1100
1200
50
90
130
170
210
70
110
150
190
230
250
ROSC (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com