Electronic Components Datasheet Search
  English  ▼

X  

ADP5061 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5061
Description  Tiny I2C Programmable Linear Battery Charger
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5061 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5061 Datasheet HTML 9Page - Analog Devices ADP5061 Datasheet HTML 10Page - Analog Devices ADP5061 Datasheet HTML 11Page - Analog Devices ADP5061 Datasheet HTML 12Page - Analog Devices ADP5061 Datasheet HTML 13Page - Analog Devices ADP5061 Datasheet HTML 14Page - Analog Devices ADP5061 Datasheet HTML 15Page - Analog Devices ADP5061 Datasheet HTML 16Page - Analog Devices ADP5061 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
ADP5061
Rev. 0 | Page 13 of 44
TYPICAL WAVEFORMS
Figure 23. Charging Startup, VVIN = 5.0 V, ILIM[3:0] = 0110 (Binary) = 500 mA,
ICHG[4:0] = 01110 (Binary) = 750 mA
Figure 24. Load Transient, IISO_Sx Load = 300 mA to 1500 mA to 300 mA
Figure 25. Input Current-Limit Transition from 100 mA to 900 mA,
ISO_Sx Load = 66 Ω, Charging = 750 mA
Figure 26. VBUS Disconnect
Figure 27. Load Transient. IISO_Sx Load = 300 mA to 1500 mA to 300 mA,
EN_CHG = High, ILIM[3:0] = 0110 (Binary) = 500 mA
Figure 28. Battery Detection Waveform, VSYSTEM[2:0] = 000 (Binary) = 4.3 V,
No Battery
IVIN
IISO_B
VVIN
VISO_S
IISO_S
VISO_S
IISO_B
VISO_S
VVIN
IVIN
IVIN
IISO_B
VVIN
VISO_S
IISO_S
IISO_B
VISO_S
IISO_B
VISO_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com