Electronic Components Datasheet Search
  English  ▼

X  

ADP5061 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5061
Description  Tiny I2C Programmable Linear Battery Charger
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5061 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5061 Datasheet HTML 13Page - Analog Devices ADP5061 Datasheet HTML 14Page - Analog Devices ADP5061 Datasheet HTML 15Page - Analog Devices ADP5061 Datasheet HTML 16Page - Analog Devices ADP5061 Datasheet HTML 17Page - Analog Devices ADP5061 Datasheet HTML 18Page - Analog Devices ADP5061 Datasheet HTML 19Page - Analog Devices ADP5061 Datasheet HTML 20Page - Analog Devices ADP5061 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
ADP5061
Rev. 0 | Page 17 of 44
The ADP5061 includes a number of significant features to
optimize charging and functionality including
Thermal regulation for maximum performance
USB host current-limit accuracy: ±5%.
Termination voltage accuracy: ±1%.
Battery thermistor input with automatic charger shutdown
in the event that the battery temperature exceeds limits
(compliant with the JEITA Li-Ion battery charging
temperature specification).
Three external pins (DIG_IO1, DIG_IO2, and DIG_IO3)
that directly control a number of parameters. These pins
are factory programmable for maximum flexibility. They
can be factory programmed for functions such as
Enable/disable charging.
Control of 100 mA or 500 mA input current limit.
Control of 1500 mA input current limit.
Control of the battery charge current.
Interrupt output pin.
See the Digital Input and Output Options section for details.
CHARGER MODES
Input Current Limit
The VINx input current limit is controlled via the internal I2C
ILIM bits. The input current limit can also be controlled via the
DIG_IO1 pin (if factory programmed to do so) as outlined in
Table 9. Any change in the I2C default from 100 mA dominates
over the pin setting.
Table 9. DIG_IO1 Operation
DIG_IO1
Function
0
100 mA input current limit or I2C programmed
value
1
500 mA input current limit or I2C programmed
value (or reprogrammed I2C value from 100 mA
default)
USB Compatibility
The ADP5061 features an I2C programmable input current limit
to ensure compatibility with the requirements listed in Table 10.
The current limit defaults to 100 mA to allow compatibility
with a USB host or hub that is not configured.
The I2C register default is 100 mA. An I2C write command to
the ILIM bits override the DIG_IOx pins, and the I2C register
default value can be reprogrammed for alternative
requirements.
When the input current-limit feature is used, the available input
current may be too low for the charger to meet the programmed
charging current, ICHG, thereby reducing the rate of charge and
setting the VIN_ILIM flag.
When connecting voltage to VINx without the proper voltage
level on the battery side, the high voltage blocking mechanism
is in a state wherein it draws only the current of <1 mA until
VIN reaches the VIN_OK level.
The ADP5061 charger provides support for the following con-
nections through the single connector VINx pin (see Table 10).
Table 10. Input Current Compatibility with Standard USB Limits
Mode
Standard USB Limit
ADP5061 Function
USB (China Only)
100 mA limit for standard USB host or hub
100 mA input current limit or I2C programmed value
300 mA limit for Chinese USB specification
300 mA input current limit or I2C programmed value
USB 2.0
100 mA limit for standard USB host or hub
100 mA input current limit or I2C programmed value
500 mA limit for standard USB host or hub
500 mA input current limit or I2C programmed value
USB 3.0
150 mA limit for superspeed USB 3.0 host or hub
150 mA input current limit or I2C programmed value
900 mA limit for superspeed, high speed USB host or hub
charger
900 mA input current limit or I2C programmed value
Dedicated Charger
1500 mA limit for dedicated charger or low/full speed USB
host or hub charger
1500 mA input current limit or I2C programmed value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com