Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 33 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 29Page - Analog Devices ADSP-BF607 Datasheet HTML 30Page - Analog Devices ADSP-BF607 Datasheet HTML 31Page - Analog Devices ADSP-BF607 Datasheet HTML 32Page - Analog Devices ADSP-BF607 Datasheet HTML 33Page - Analog Devices ADSP-BF607 Datasheet HTML 34Page - Analog Devices ADSP-BF607 Datasheet HTML 35Page - Analog Devices ADSP-BF607 Datasheet HTML 36Page - Analog Devices ADSP-BF607 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Preliminary Technical Data
Rev. PrD
|
Page 33 of 44
|
March 2012
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Typical
Max
Unit
VOH
High Level Output Voltage
VDD_EXT = 1.7 V, IOH = –0.5 mA
TBD
V
VOH
High Level Output Voltage
VDD_EXT = 3.13 V, IOH = –0.5 mA
TBD
V
VOL
Low Level Output Voltage
VDD_EXT = 1.7 V/3.13 V,
IOL = 2.0 mA
TBD
V
VOLTWI
1
1 Applies to bidirectional pins TWI_SCL and TWI_SDA.
Low Level Output Voltage
VDD_EXT = 1.7 V/3.13 V, IOL =2.0 mA
TBD
V
IIH
2
2 Applies to input pins.
High Level Input Current
VDD_EXT =3.47 V, VIN = 3.47 V
TBD
μA
IIL
2
Low Level Input Current
VDD_EXT =3.47 V, VIN = 0 V
TBD
μA
IIHP
3
3 Applies to JTAG input pins (JTG_TCK, JTG_TDI, JTG_TMS, JTG_TRST).
High Level Input Current JTAG
VDD_EXT = 3.47 V, VIN = 3.47 V
TBD
μA
IOZH
4
4 Applies to three-statable pins.
Three-State Leakage Current
VDD_EXT = 3.47 V, VIN = 3.47 V
TBD
μA
IOZHTWI
1
Three-State Leakage Current
VDD_EXT =3.13 V, VIN = 5.5 V
TBD
μA
IOZL
4
Three-State Leakage Current
VDD_EXT = 3.47 V, VIN = 0 V
TBD
μA
CIN
5, 6
5 Guaranteed, but not tested.
6 Applies to all signal pins.
Input Capacitance
fIN = 1 MHz, TAMBIENT = 25°C,
VIN =2.5 V
TBD
TBD
pF
IDD_DEEPSLEEP
7
7 See the ADSP-BF60x Blackfin Processor Hardware Reference Manual for definition of deep sleep and hibernate operating modes.
VDD_INT Current in Deep Sleep Mode TBD
TBD
mA
IDD_IDLE
VDD_INT Current in Idle
TBD
TBD
mA
IDD_TYP
VDD_INT Current
TBD
TBD
mA
IDD_HIBERNATE
7, 8
8 Applies to TBD supply pins only. Clock inputs are tied high or low.
Hibernate State Current
TBD
TBD
μA
IDD_DEEPSLEEP
VDD_INT Current in Deep Sleep Mode TBD
TBD
mA
IDD_INT
VDD_INT Current
TBD
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com