Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 42 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 36Page - Analog Devices ADSP-BF607 Datasheet HTML 37Page - Analog Devices ADSP-BF607 Datasheet HTML 38Page - Analog Devices ADSP-BF607 Datasheet HTML 39Page - Analog Devices ADSP-BF607 Datasheet HTML 40Page - Analog Devices ADSP-BF607 Datasheet HTML 41Page - Analog Devices ADSP-BF607 Datasheet HTML 42Page - Analog Devices ADSP-BF607 Datasheet HTML 43Page - Analog Devices ADSP-BF607 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Rev. PrD
|
Page 42 of 44
|
March 2012
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609 Preliminary Technical Data
OUTLINE DIMENSIONS
Dimensions for the 19 mm
× 19 mm CSP_BGA package in
Figure 11 are shown in millimeters.
SURFACE-MOUNT DESIGN
Table 17 is provided as an aid to PCB design. For industry-stan-
dard design recommendations, refer to IPC-7351, Generic
Requirements for Surface-Mount Design and Land Pattern
Standard.
Figure 11. 349-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-349-1)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-275-PPAB-2.
1.10 REF
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
V
W
AA
AB
U
Y
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
16
17
18
19
20
21
22
16.80
BSC SQ
0.50
0.45
0.40
19.10
19.00 SQ
18.90
COPLANARITY
0.20
BOTTOM VIEW
DETAIL A
TOP VIEW
1.50
1.36
1.21
0.35 NOM
0.30 MIN
BALL DIAMETER
SEATING
PLANE
A1 BALL
CORNER
A1 BALL
CORNER
DETAIL A
0.80
BSC
1.11
1.01
0.91
Table 17. BGA Data for Use with Surface-Mount Design
Package
Package
Ball Attach Type
Package
Solder Mask Opening
Package
Ball Pad Size
BC-349-1
Solder Mask Defined
0.4 mm Diameter
0.5 mm Diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com