Electronic Components Datasheet Search
  English  ▼

X  

ES51995 Datasheet(PDF) 18 Page - Cyrustek corporation

Part # ES51995
Description  DMM Analog front end with PEAK
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51995 Datasheet(HTML) 18 Page - Cyrustek corporation

Back Button ES51995 Datasheet HTML 14Page - Cyrustek corporation ES51995 Datasheet HTML 15Page - Cyrustek corporation ES51995 Datasheet HTML 16Page - Cyrustek corporation ES51995 Datasheet HTML 17Page - Cyrustek corporation ES51995 Datasheet HTML 18Page - Cyrustek corporation ES51995 Datasheet HTML 19Page - Cyrustek corporation ES51995 Datasheet HTML 20Page - Cyrustek corporation ES51995 Datasheet HTML 21Page - Cyrustek corporation ES51995 Datasheet HTML 22Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ver. 2.8
12/01/12
18
ES51995(6000counts)
DMM Analog front end with PEAK
2.7 Diode Measurement
MPU send write command to select the diode measurement function.
F3
F2
F1
F0
Measurement mode
Read data bytes
0
1
1
0
Diode mode
D0(0:18), D1(0:9)
Note1: D0/D1 both are binary format. ASIGN/BSIGN are the sign bit of D0/D1, respectively.
Diode measurement mode shares the same configuration with 6.000V voltage measurement
circuit and support the low-resistance detection. If the STBEEP output (pin64) is low, it
means the low-resistance status is detected (It means the OVX terminal voltage less than
9mV). It could be faster than the FADC result, so MPU could monitor the STBEEP output
and FADC (D1) data output make the high speed detection for short circuit detection. Set
SHBP=1 to enable the built-in buzzer driving automatically when STBEEP is active.
The default source voltage at diode mode is the same as V+ potential. MPU could set the
control bit EXT=1 to change the source voltage to external source. The external voltage
source (positive or negative) input applied from EXTSRC (pin16). The available external
source range should be from V+ to V-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com