Electronic Components Datasheet Search
  English  ▼

X  

ES51995 Datasheet(PDF) 19 Page - Cyrustek corporation

Part # ES51995
Description  DMM Analog front end with PEAK
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51995 Datasheet(HTML) 19 Page - Cyrustek corporation

Back Button ES51995 Datasheet HTML 15Page - Cyrustek corporation ES51995 Datasheet HTML 16Page - Cyrustek corporation ES51995 Datasheet HTML 17Page - Cyrustek corporation ES51995 Datasheet HTML 18Page - Cyrustek corporation ES51995 Datasheet HTML 19Page - Cyrustek corporation ES51995 Datasheet HTML 20Page - Cyrustek corporation ES51995 Datasheet HTML 21Page - Cyrustek corporation ES51995 Datasheet HTML 22Page - Cyrustek corporation ES51995 Datasheet HTML 23Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
ver. 2.8
12/01/12
19
ES51995(6000counts)
DMM Analog front end with PEAK
2.8 Frequency/duty cycle mode measurement
The default typical input impedance of frequency with duty cycle mode is 1MΩ. The MPU
could set control bit FRES=1 to change the input impedance down to 100kΩ. MPU send
write command to select the frequency/duty cycle measurement function.
F3
F2
F1
F0
Measurement mode
Read data bytes
0
1
1
1
Hz + Duty mode
D0(0:18), D2(0:18), D3(0:18)
Note1: D0/D2/D3 all are binary format. ASIGN bit is ignored.
Note2: Set LPF1 = 1 to enable the smooth function for sine wave input automatically
Range control for frequency mode
FQ2
FQ1
FQ0
Full Scale
0
0
0
60.00Hz
0
0
1
600.0Hz
0
1
0
6.000KHz
0
1
1
60.00KHz
1
0
0
600.0KHz
1
0
1
6.000MHz
1
1
0
60.00MHz
Available minimum frequency input (Depends on ADC conversion rate setting)
C1
C0
FMIN(AC+Hz mode) FMIN(Hz+Duty mode)
0
0
4.00Hz
4.00Hz
0
1
6.00Hz
1
0
8.00Hz
1
1
10.00Hz
Frequency & duty cycle mode computed by D0/D2/D3 (if F_FIN=1)
Flag
STA0=1
STA0=0
Range
STA1=1
STA1=0
60.00Hz
FREQ=100000000/D3
FREQ=400000000/D3
FREQ=800000000/D3
600.0Hz
FREQ=10000000/D3
FREQ=40000000/D3
FREQ=160000000/D3
6.000KHz
FREQ=2000000/D3
FREQ=32000000/D3
FREQ=256000000/D3
60.00KHz
FREQ=200000/D3
FREQ=25600000/D3
FREQ=204800000/D3
600.0KHz
FREQ = D0
6.000MHz
60.00MHz
Status Flag
LDUTY=1
LDUTY=0
Duty cycle (<60kHz)
10000-D2*10000/D3
D2*10000/D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com