Electronic Components Datasheet Search
  English  ▼

X  

ES51995 Datasheet(PDF) 25 Page - Cyrustek corporation

Part # ES51995
Description  DMM Analog front end with PEAK
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51995 Datasheet(HTML) 25 Page - Cyrustek corporation

Back Button ES51995 Datasheet HTML 19Page - Cyrustek corporation ES51995 Datasheet HTML 20Page - Cyrustek corporation ES51995 Datasheet HTML 21Page - Cyrustek corporation ES51995 Datasheet HTML 22Page - Cyrustek corporation ES51995 Datasheet HTML 23Page - Cyrustek corporation ES51995 Datasheet HTML 24Page - Cyrustek corporation ES51995 Datasheet HTML 25Page - Cyrustek corporation ES51995 Datasheet HTML 26Page - Cyrustek corporation ES51995 Datasheet HTML 27Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
ver. 2.8
12/01/12
25
ES51995(6000counts)
DMM Analog front end with PEAK
3. Application Circuit
3.1 AVG circuit
R7
100K
R6
100K
R8
100K
C8
470nF +/- 10%
C4
10nF
VCC
LBAT9
C5
470nF
SDA
SCL
DATA_new
VSS
CS
BUZOUT
IVSH
IVSL
ADP
ACVH
OPIN+
TEST5
ACVL
OPIN-
OPout
ADO
ADI
IVSH
37
IVSL
38
ADP
39
ACVL
43
ACVH
44
ADI
45
ADO
46
TEST5
47
SGND
36
NC
35
NC
34
CA-
48
CA+
49
OVX
26
OVH
27
NC
29
NC
30
NC
31
NC
32
NC
33
NC
76
NC
77
CIH
100
OSC2
78
OSC1
79
CS
80
IO_CTRL
81
BZOUT
82
NC
83
DATA_new
84
SCLK
85
SDATA
86
C+
87
C-
88
LBAT
89
V-
90
V-
91
uPVCC
92
V+
93
V+
94
DGND
95
AGND
96
AGND
97
CH+
98
CH-
99
OVH1
28
OPIN-
40
OPIN+
41
OPOUT
42
OHMC4
50
+
Close to IC
Close toIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com