Electronic Components Datasheet Search
  English  ▼

X  

ES51995 Datasheet(PDF) 23 Page - Cyrustek corporation

Part # ES51995
Description  DMM Analog front end with PEAK
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51995 Datasheet(HTML) 23 Page - Cyrustek corporation

Back Button ES51995 Datasheet HTML 19Page - Cyrustek corporation ES51995 Datasheet HTML 20Page - Cyrustek corporation ES51995 Datasheet HTML 21Page - Cyrustek corporation ES51995 Datasheet HTML 22Page - Cyrustek corporation ES51995 Datasheet HTML 23Page - Cyrustek corporation ES51995 Datasheet HTML 24Page - Cyrustek corporation ES51995 Datasheet HTML 25Page - Cyrustek corporation ES51995 Datasheet HTML 26Page - Cyrustek corporation ES51995 Datasheet HTML 27Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
ver. 2.8
12/01/12
23
ES51995(6000counts)
DMM Analog front end with PEAK
2.11 Sleep
Set CS pin (pin 80) to logic low to make the ES51995 entering the sleep mode. The current
consumption will be less than 3uA typically. Set CS pin to logic high or kept floating, the
ES51995 will return to normal operation.
2.12 Multi-level battery voltage indication
The ES51995 is built-in a comparator for batter voltage indication. The voltage is applied to
LBAT pin (pin 89) vs. V- terminal. MPU could check the status bit BTS1/BTS0 and monitor
the LBAT voltage status.
Battery voltage
BTS1
BST0
VLBT > Vt1
1
1
Vt2 < VLBT < Vt1
1
0
Vt3 < VLBT < Vt2
0
1
VLBT < Vt3
0
0
Low battery configuration for 9V/1.5V*4/1.5V*3 battery
Low battery test circuit (a)
360K
270K
BA
TT
LBAT
V-
AGND
0.1u
0V
6V
Low battery test circuit (b)
470K
180K
BA
TT
LBAT
V-
AGND
0.1u
0V
9V
Low battery test circuit (c)
360K
470K
BA
TT
LBAT
V-
AGND
0.1u
0V
4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com