Electronic Components Datasheet Search
  English  ▼

X  

DM9161C Datasheet(PDF) 39 Page - Davicom Semiconductor, Inc.

Part # DM9161C
Description  10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161C Datasheet(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM9161C Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
DM9161C
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
41
Final
Version: DM9161C-DS-F01
October 26, 2011
9.4.3 Power On Reset Timing
RESET#
Strap pins
t2
t1
pwrst#.vsd
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
t1
RESET# Low Period
1
-
-
ms
-
t2
Strap pin hold time with RESET#
40
-
-
ns
-
9.4.4 MDC/MDIO Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
t0
MDC Cycle Time
80
-
-
ns
t1
MDIO Setup Before MDC
10
-
-
ns
When OUTPUT By STA
t2
MDIO Hold After MDC
10
-
-
ns
When OUTPUT By STA
t3
MDC To MDIO Output Delay
0
-
300
ns
When OUTPUT By DM9161C
9.4.5 MDIO Timing When OUTPUT by STA
9.4.6 MDIO Timing When OUTPUT by DM9161C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com