Electronic Components Datasheet Search
  English  ▼

X  

DM9161C Datasheet(PDF) 33 Page - Davicom Semiconductor, Inc.

Part # DM9161C
Description  10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161C Datasheet(HTML) 33 Page - Davicom Semiconductor, Inc.

Back Button DM9161C Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 37Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
DM9161C
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
35
Final
Version: DM9161C-DS-F01
October 26, 2011
8.12 (Specified config) Register – 20
Bit
Bit Name
Default
Description
20.15
TSTSE1
0,RW
Vendor test select control
20.14
TSTSE2
0,RW
Vendor test select control
20.13
Reserved
0, RO
Reserved
Read as 0, ignore on write
20.12
TSTSEL3
0,RW
Vendor test select control
20.11
PREAMBLEX
0,RW
Preamble Saving Control
1: 10M TX preamble bit count is normal.
0:when bit 10 is set, the 10M TX preamble count is reduced
When bit 11 of register 29 is set, 12-bit preamble bit is reduced.
Otherwise 22-bit preamble bit is reduced.
20.10
TX10M_PWR
0,RW
10M TX Power Saving Control
1: enable 10M TX power saving
0: disable 10M TX power saving
20.9
NWAY_PWR
0,RW
N-Way Power Saving Control
1: disable N-Way power saving
0: enable N-Way power saving
20.8
Reserved
0, RO
Reserved
Read as 0, ignore on write
20.7
MDIX_CNTL MDI/MDIX,RO The polarity of MDI/MDIX value
1: MDIX mode
0: MDI mode
20.6
AutoNeg_dpbk
0,RW
Auto-negotiation Loopback
1: test internal digital auto-negotiation Loopback
0: normal.
20.5
Mdix_fix Value
0, RW
MDIX_CNTL force value:
When MDIX_DOWN = 1, MDIX_CNTL value depend on the
register value.
20.4
Mdix_do wn
0,RW
MDIX Down
Manual force MDI/MDIX.
1: Disable HP Auto-MDIX , MDIX_CNTL value depend on 20.5
0: Enable HP Auto-MDIX
20.3
MonSel1
0,RW
Vendor monitor select
20.2
MonSel0
0,RW
Vendor monitor select
20.1
RMII_Ver
0,RW
RMII version
1: support RMII 1.0
0: support RMII 1.2
20.0
PD_value
0,RW
Power down control value
Decision the value of each field Register 19.
1: power down
0: normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com