| Electronic Components Datasheet Search |
|
DM9161C Datasheet(PDF) 19 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9161C Datasheet(HTML) 19 Page - Davicom Semiconductor, Inc. |
|
19 / 47 page ![]() DM9161C 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver 21 Final Version: DM9161C-DS-F01 October 26, 2011 Figure 7-4 7.2.2 100Base-TX Receiver The 100Base-TX receiver contains several function blocks that convert the scrambled 125Mb/s serial data to synchronous 4-bit nibble data, which is then provided to the MII. The receive section contains the following functional blocks: - Signal Detect - Adaptive Equalizer - MLT-3 to NRZI Decoder - Clock Recovery Module - NRZI to NRZ Decoder - Serial to Parallel - Descrambler - Code Group Alignment - 4B5B Decoder 7.2.2.1 Signal Detect The signal detects function meets the specifications mandated by the ANSI XT12 TP-PMD 100Base-TX Standards for both voltage thresholds and timing parameters. 7.2.2.2 Adaptive Equalizer When transmitting data at high speeds over copper twisted pair cable, attenuation based on frequency becomes a concern. In high speed twisted pair signaling, the frequency content of the transmitted signal can vary greatly during normal operation based on the randomness of the scrambled data stream. This variation in signal attenuation caused by frequency variations must be compensated for to ensure the integrity of the received data. In order to ensure quality transmission when employing MLT-3 encoding, the compensation must be able to adapt to various cable lengths and cable types depending on the installed environment. The selection of long cable lengths for a given implementation requires significant compensation, which will be over-kill in a situation that includes shorter, less attenuating cable lengths. Conversely, the selection of short or intermediate cable lengths requiring less compensation will cause serious under-compensation for longer length cables. Therefore, the compensation or equalization must be adaptive to ensure proper conditioning of the received signal independent of the cable length. 7.2.2.3 MLT-3 to NRZI Decoder The DM9161C decodes the MLT-3 information from the Digital Adaptive Equalizer into NRZI data. The relation between NRZI and MLT-3 data is shown in figure 7-4. 7.2.2.4 Clock Recovery Module D CK Q Q . . Binary In Common driver Binary minus Binary plus MLT-3 MLT-3 Binary In |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |