Electronic Components Datasheet Search
  English  ▼

X  

DM9161C Datasheet(PDF) 11 Page - Davicom Semiconductor, Inc.

Part # DM9161C
Description  10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161C Datasheet(HTML) 11 Page - Davicom Semiconductor, Inc.

Back Button DM9161C Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 15Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
DM9161C
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
13
Final
Version: DM9161C-DS-F01
October 26, 2011
COL
NC
COL
CRS
(PHYADR [4])
(BP4B5B)
NC
CRS
MDC
MDC
MDC
MDIO
MDIO
MDIO
RESET#
RESET#
RESET#
XT1 (25 MHz)
XT1 or XT2 (REF_CLK 50MHz)
XT1 (25 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com