Electronic Components Datasheet Search
  English  ▼

X  

DM9161CI Datasheet(PDF) 38 Page - Davicom Semiconductor, Inc.

Part # DM9161CI
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CI Datasheet(HTML) 38 Page - Davicom Semiconductor, Inc.

Back Button DM9161CI Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 42Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
40
Final
Version: DM9161CI-DS-F01
February 22, 2012
9.3 DC Electrical Characteristics (DVDD = 3.3V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
TTL Inputs
(TXD0~TXD3, TXCLK, MDC, MDIO, TXEN, TXER, RXEN, TESTMODE, RMII, PHYAD0~4, OPMODE0-2, RPTR,
RESET# )
VIL
Input Low Voltage
-
-
0.8
V
VIH
Input High Voltage
2.0
-
-
V
IIL
Input Low Leakage Current
-1
-
-
uA
VIN = 0V
IIH
Input High Leakage Current
-
-
1
uA
VIN = 3.3V
VOL
Output Low Voltage
-
-
0.4
V
IOL = 4mA
VOH
Output High Voltage
2.4
-
-
V
IOH = -4mA
Receiver
VICM
RX+/RX- Common mode Input Voltage
-
1.8
-
V
100
Ω Termination Across
Transmitter
VTD100
100TX+/- Differential Output Voltage
1.9
2.0
2.1
V
Peak to Peak
VTD10
10TX+/- Differential Output Voltage
4.4
5
5.6
V
Peak to Peak
ITD100
100TX+/- Differential Output Current
│19│
│20│
│21│
mA
ITD10
10TX+/- Differential Output Current
│44│
│50│
│56│
mA
9.4 AC Electrical Characteristics & Timing Waveforms
9.4.1 TP Interface
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tTR/F
100TX+/- Differential Rise/Fall Time
3.0
-
5.0
ns
tTM
100TX+/- Differential Rise/Fall Time Mismatch
0
-
0.5
ns
tTDC
100TX+/- Differential Output Duty Cycle
Distortion
0
-
0.5
ns
tT/T
100TX+/- Differential Output Peak-to-Peak Jitter
0
-
1.4
ns
XOST
100TX+/- Differential Voltage Overshoot
0
-
5
%
9.4.2 Oscillator/Crystal Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
OSC Frequency
24.99925
25
25.00075
MHz
30ppm
tCKC
OSC Cycle Time
39.9988
40
40.0012
ns
30ppm
tPWH
OSC Pulse Width High
16
20
24
ns
tPWL
OSC Pulse Width Low
16
20
24
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com