Electronic Components Datasheet Search
  English  ▼

X  

DM9161CI Datasheet(PDF) 16 Page - Davicom Semiconductor, Inc.

Part # DM9161CI
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CI Datasheet(HTML) 16 Page - Davicom Semiconductor, Inc.

Back Button DM9161CI Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 20Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
18
Final
Version: DM9161CI-DS-F01
February 22, 2012
7.2 100Base-TX Operation
The 100Base-TX transmitter receives 4-bit nibble data
clocked in at 25MHz at the MII, and outputs a scrambled
5-bit encoded MLT-3 signal to the media at 100Mbps. The
on-chip clock circuit converts the 25MHz clock into a
125MHz clock for internal use.
The IEEE 802.3u specification defines the Media
Independent Interface. The interface specification defines
a dedicated receive data bus and a dedicated transmit
data bus.
These two busses include various controls and signal
indications that facilitate data transfers between the
DM9161CI and the Reconciliation layer.
7.2.1 100Base-TX Transmit
The 100Base-TX transmitter consists of the functional
blocks shown in figure 7-3. The 100Base-TX transmit
section converts 4-bit synchronous data provided by the
MII to a scrambled MLT-3 125, a million symbols per
second serial data stream.
MII
Signals
MII
Interface/
Control
4B/5B
Encoder
4B/5B
Decoder
Register
Code-
group
Alignment
Descrambler
Serial to
Parallel
NRZI
to
NRZ
RX
CRM
MLT-3 to
NRZI
Adaptive
EQ
Digital
Logic
Scrambler
Parallel
to Serial
NRZ
to
NRZI
NRZI to
MLT-3
MLT-3
Driver
Rise/Fall
Time
CTL
TX CGM
LED
Driver
Collision
Detection
Carrier
Sense
Auto-
Negotiation
10BASE-T
Module
RX
TX
125M CLK
25M CLK
LED1-4#
25M OSCI
RXI+/-
RXI+/-
10TXD+/-
100TXD+/-
AutoMDIX
Figure 7-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com