Electronic Components Datasheet Search
  English  ▼

X  

DM9161CI Datasheet(PDF) 30 Page - Davicom Semiconductor, Inc.

Part # DM9161CI
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CI Datasheet(HTML) 30 Page - Davicom Semiconductor, Inc.

Back Button DM9161CI Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 34Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
32
Final
Version: DM9161CI-DS-F01
February 22, 2012
latched into this bit at power-up/reset
1 = Enable Reduced MII
0 = Normal MII
16.7
F_LINK_100
0, RW
Force Good Link in 100Mbps
1 = Force 100Mbps good link status
0 = Normal 100Mbps operation
This bit is useful for diagnostic purposes
16.6
SPLED_CTL
0, RW
Speed LED Disable
1 = Disable SPEED LED output.
0 = Normal SPEED LED output to indicate speed status
16.5
COLLED_CTL
0, RW
Collision LED Enable
1 = FDX/COL LED output is configured to indicate Full-
duplex/Collision status
0 = FDX/COL LED output is configured to indicate Full/half duplex
status
16.4
RPDCTR-EN
1, RW
Reduced Power Down Control Enable
This bit is used to enable automatic reduced power down
1 = Enable automatic reduced power down
0 = Disable automatic reduced power down
16.3
SMRST
0, RW
Reset State Machine
When writes 1 to this bit, all state machines of PHY will be reset.
This bit is self-clear after reset is completed
16.2
MFPSC
1, RW
MF Preamble Suppression Control
MII frame preamble suppression control bit
1 = MF preamble suppression bit on
0 = MF preamble suppression bit off
16.1
SLEEP
0, RW
Sleep Mode
Writing a 1 to this bit will cause PHY entering the Sleep mode and
power down all circuit except oscillator and clock generator circuit.
When waking up from Sleep mode (write this bit to 0), the
configuration will go back to the state before sleep; but the state
machine will be reset
16.0
RLOUT
0, RW
Remote Loop out Control
When this bit is set to 1, the received data will loop out to the
transmit channel. This is useful for bit error rate testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com