Electronic Components Datasheet Search
  English  ▼

X  

DM9161CI Datasheet(PDF) 12 Page - Davicom Semiconductor, Inc.

Part # DM9161CI
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CI Datasheet(HTML) 12 Page - Davicom Semiconductor, Inc.

Back Button DM9161CI Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 16Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
14
Final
Version: DM9161CI-DS-F01
February 22, 2012
6. LED Configuration
LEDs flash once per 500ms after power-on reset or
software reset by writing PHY register. All LED pins
are dual function pins, which can be configured as
either active high or low by pulling them low or high
accordingly. If the pin is pulled high, the LED is
active low after reset. Likewise, if the pin is pulled
low, the
LED is active high. LEDs flash once per 500ms after
power-on reset or software reset by writing PHY
register. All LED pins are dual function pins, which
can be configured as either active high or low by
pulling them low or high accordingly. If the pin is
pulled high, the LED is active low after reset.
Likewise, if the pin is pulled low, the
LED is active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com