Electronic Components Datasheet Search
  English  ▼

X  

DM9302EP Datasheet(PDF) 14 Page - Davicom Semiconductor, Inc.

Part # DM9302EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302EP Datasheet(HTML) 14 Page - Davicom Semiconductor, Inc.

Back Button DM9302EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
14
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
5.6 Miscellaneous Pins
Pin No.
Pin Name
I/O
Description
30
PWRST#
I
Power-on Reset
Low active with minimum 1ms
32
TEST1
I,PD Tie to ground in application
59
TEST2
I,PD Tie to ground in application
5.7 Power Pins
Pin No.
Pin Name
I/O
Description
1,13,26,51
VCC3
P
Digital 3.3V
11,61
VCCI
P
Internal 1.8V core power
4,8,16,23,31,54,64
GND
P
Digital GND
39,46
AVDD3
P
Analog 3.3V power
33,40
AVDDI
P
Analog 1.8V power
36,43
AGND
P
Analog GND
5.8 Strap pins table
1: pull-high 1K~10K, 0: floating (default).,.
Pin No.
Pin Name
Description
28
EECK
Processor Data Bus Width
0: 16-bit, SD 0-15 is used as processor data bus (default)
1: 8-bit, SD 0-7 is used as processor data bus; SD 8-15 is left floating.
29
EECS
Polarity of IRQ
0: IRQ pin high active (default)
1: IRQ pin low active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com