Electronic Components Datasheet Search
  English  ▼

X  

DM9302EP Datasheet(PDF) 16 Page - Davicom Semiconductor, Inc.

Part # DM9302EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302EP Datasheet(HTML) 16 Page - Davicom Semiconductor, Inc.

Back Button DM9302EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
16
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
MIB counter Data Register bit 8~15
82H
00H
MIB counter Data Register bit 16~23
83H
00H
MIB counter Data Register bit 24~31
84H
00H
PVLAN
Port-based VLAN mapping table registers
B0-BFH
0FH
TOS_MAP
TOS Priority Map Registers
C0-CFH
00H~FFH
VLAN_MAP
VLAN Priority Map Registers
D0-D1H
50H,FAH
MRCMDX
Memory Data Pre-Fetch Read Command Without Address
Increment Register
F0H
XXH
MRCMD
Memory Data Read Command With Address Increment
Register
F2H
XXH
MRRL
Memory Data Read_ address Register Low Byte
F4H
00H
MRRH
Memory Data Read_ address Register High Byte
F5H
00H
MWCMDX
Memory Data Write Command Without Address Increment
Register
F6H
XXH
MWCMD
Memory Data Write Command With Address Increment
Register
F8H
XXH
MWRL
Memory Data Write_ address Register Low Byte
FAH
00H
MWRH
Memory Data Write _ address Register High Byte
FBH
00H
TXPLL
TX Packet Length Low Byte Register
FCH
XXH
TXPLH
TX Packet Length High Byte Register
FDH
XXH
ISR
Interrupt Status Register
FEH
00H
IMR
Interrupt Mask Register
FFH
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com