Electronic Components Datasheet Search
  English  ▼

X  

DM9302EP Datasheet(PDF) 23 Page - Davicom Semiconductor, Inc.

Part # DM9302EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302EP Datasheet(HTML) 23 Page - Davicom Semiconductor, Inc.

Back Button DM9302EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 27Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
23
DM9302-15-DS-P01
July 30, 2009
6.27 DSP PHY Control Register (58H~59H)
58H:
Bit
Name
Default
Description
7:0
DSP_CTL1
0,RW
DSP Control Register 1 for testing only (register 58H)
59H:
Bit
Name
Default
Description
7:0
DSP_CTL2
0,RW
DSP Control Register 2 for testing only (register 59H)
6.28 Per Port Control/Status Index Register (60H)
Bit
Name
Default
Description
7:5
reserved
PHS0,RW reserved
4:2
reserved
0,RO
reserved
1:0
INDEX
PHS0,RW Port index for register 61H~84H
Write the port number to this register before write/read register 61H~84H.
Note: The processor port INDEX number is 3
6.29 Per Port Control Data Register (61H)
Bit
Name
Default
Description
7
RESERVED
PE0,RW
Reserved
6
PARTI_EN
PE0,RW
Enable Partition Detection
5
NO_DIS_RX
PE0,RW
Not Discard RX Packets when Ingress Bandwidth Control
When received packets bandwidth reach Ingress bandwidth threshold,
the packets over the threshold are not discarded but with flow control.
4
FLOW_DIS
PE0,RW
Flow control in full duplex mode, or back pressure in half duplex mode
enable
0: enable
1: disable
3
BANDWIDTH
PE0,RW
Bandwidth Control
0: Control with Ingress and Egress separately, ref to Register 66H.
1: Control with Ingress or Egress, ref to Register 67H
2
BP_DIS
PE0,RW
Broadcast packet filter
0: accept broadcast packets
1: reject broadcast packets
1
MP_DIS
PE0,RW
Multicast packet filter
0: accept multicast packets
1: reject multicast packets
0
MP_STORM
PE0,RW
Broadcast Storm Control
0: only broadcast packets storm are controlled
1: multicast packets also same as broadcast storm control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com