Electronic Components Datasheet Search
  English  ▼

X  

DM9302EP Datasheet(PDF) 27 Page - Davicom Semiconductor, Inc.

Part # DM9302EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302EP Datasheet(HTML) 27 Page - Davicom Semiconductor, Inc.

Back Button DM9302EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 31Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
27
DM9302-15-DS-P01
July 30, 2009
6.34 Per Port Block Unicast Ports Control Register (68H)
Bit
Name
Default
Description
7:4
RESERVED
PH0,RW Reserved
3:0
BLK_UP
PH0,RW Ports of Unicast Packet Be Blocked
The received unicast packets are not forward to the assigned ports.
Note: that the assigned port definition: bit 0 for port 0, bit 1 for port 1, bit 2
reserved, and bit 3 for processor port.
6.35 Per Port Block Multicast Ports Control Register (69H)
Bit
Name
Default
Description
7:4
RESERVED
PH0,RW Reserved
3:0
BLK_MP
PH0,RW Ports of Multicast Packet Be Blocked
The received multicast packets are not forward to the assigned ports.
6.36 Per Port Block Broadcast Ports Control Register (6AH)
Bit
Name
Default
Description
7:4
RESERVED
PH0,RW Reserved
3:0
BLK_BP
PH0,RW Ports of Broadcast Packet Be Blocked
The received broadcast packets are not forward to the assigned ports.
6.37 Per Port Block Unknown Ports Control Register (6BH)
Bit
Name
Default
Description
7:4
RESERVED
PH0,RW Reserved
3:0
BLK_UKP
PH0,RW Ports of Unknown Packet Be Blocked
The packets with DA field not found in address table are not forward to
the assigned ports.
6.38 Per Port Priority Queue Control Register (6DH)
Bit
Name
Default
Description
7
TAG_OUT
PE0,RW
Output Packet Tagging Enable
The transmitted packets are containing VLAN tagged field.
6
PRI_DIS
PE0,RW
Priority Queue Disable
Only one transmit queue is supported in this port.
5
WFQUE
PE0,RW
Weighted Round-Robin Queuing
1: The priority weight for queue 3, 2, 1, and 0 is 8, 4, 2, and 1
respectively.
0: The queue 3 has the highest priority, and the next priorities are queue
2, 1, and 0 respectively.
4
TOS_PRI
PE0,RW
Priority ToS over VLAN
If an IP packet with VLAN tag, the priority of this packet is decode from
ToS field.
3
TOS_OFF
PE0,RW
ToS Priority Classification Disable
The priority information from ToS field of IP packet is ignored.
2
PRI_OFF
PE0,RW
802.1 p Priority Classification Disable
The priority information from VLAN tag field is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com