Electronic Components Datasheet Search
  English  ▼

X  

DRDC3105 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DRDC3105
Description  INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DRDC3105 Datasheet(HTML) 1 Page - Diodes Incorporated

  DRDC3105 Datasheet HTML 1Page - Diodes Incorporated DRDC3105 Datasheet HTML 2Page - Diodes Incorporated DRDC3105 Datasheet HTML 3Page - Diodes Incorporated DRDC3105 Datasheet HTML 4Page - Diodes Incorporated DRDC3105 Datasheet HTML 5Page - Diodes Incorporated DRDC3105 Datasheet HTML 6Page - Diodes Incorporated DRDC3105 Datasheet HTML 7Page - Diodes Incorporated DRDC3105 Datasheet HTML 8Page - Diodes Incorporated DRDC3105 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DRDC3105
Document number: DS35213 Rev. 3 - 2
1 of 9
www.diodes.com
December 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DRDC3105
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Description and Applications
The DRDC3105 is an integrated solid-state DC relay driver that can
switch inductive loads. It provides a robust driver interface by acting as
a buffer stage between sensitive logic circuits and that of 3 to 6V DC
inductive relay coils. With a low input drive current requirement, the
DRDC3105 only has slight loading on the input circuitry and it will
provide good transient isolation between output and input channels.
The output switch is guaranteed by design to go open-circuit and fall
into the off-state condition when input drive is lost or disconnected.
In the industry standard SOT23 and SOT26, the DRDC3105 comes as
a single or dual die which can replace three to six individual discrete
components within a single integrated package, including a Zener
across the output. The Zener will clamp at 6.6V to sink inductive
currents to ground which will reduce EMI noise in the system. By
integrating the Zener, the DRDC3105 eliminates the need for an
external free-wheeling diode and allows the driving of inductive loads
such as relays, solenoids, incandescent lamps, and small DC motors in:
•
Automotive: 5.0 V Driven Relays, Lamp Drivers, Motor Controls
•
Telecom equipment: Modems, DSL, Cable (EMTA), Line Cards,
IP-PBX, Analog Terminal Adaptors, End User Telecom Equipment
•
Desktop Computers, Printers, Photocopiers
•
LCD & Plasma TVs, Set Top Boxes
•
Consumer Appliances, White Goods, Automated Door Control
•
Industrial equipment inc. Process Control, ATE equipment
•
Solar inverters
Features and Benefits
•
Inductive load driver capable of driving 3 to 6V DC coils
•
Optimized to switch inductive loads from supply of 3 to 5V with
the capability to drive coils up to 2.5W from a 5V rail
•
Fully integrated into a single SOT23 or dual SOT26 package to
minimize footprint area and reduce number of components
•
Includes Zener across output to reduce EMI noise
•
Internal low saturation BJT to reduce power dissipation in driving
high currents into the coil
•
Output guaranteed to be in off-state condition during no input
•
Near – Zero quiescent supply current in off-state condition with
minimal leakage
•
Rugged design and inherently robust by using solid-state BJT
technology integrated into a single die
•
ESD Protected up to 1kV on Human Body Model (HBM)
•
“Lead-Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT23 & SOT26
•
Case material: “Green” plastic molding compound (Note 2)
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: SOT23 = 0.008 grams (Approximate)
SOT26 = 0.018 grams (Approximate)
Ordering Information (Note 3)
Product
Package
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DRDC3105F-7
SOT23
1R6
7
8
3,000
DRDC3105E6-7
SOT26
3105
7
8
3,000
Notes:
1. No purposefully added lead.
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com
Marking Information
1R6 = SOT23, Product type Marking Code
3105 = SOT26, Product type Marking Code
ESD PROTECTED
HBM TO 1kV
SOT26
Top View
SOT23
Top View
Top View
Pin-Out
OUT
IN
GND
SOT23
Top View
Pin-Out
GND1
IN2
GND2
OUT2
OUT1
IN1
SOT26
3105
1R6


Similar Part No. - DRDC3105

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
375Kb / 10P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 5
DRDC3105E6-7 DIODES-DRDC3105E6-7 Datasheet
375Kb / 10P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 5
DRDC3105F-7 DIODES-DRDC3105F-7 Datasheet
375Kb / 10P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 5
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 5
More results

Similar Description - DRDC3105

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com