Electronic Components Datasheet Search
  English  ▼

X  

DRDC3105 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DRDC3105
Description  INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DRDC3105 Datasheet(HTML) 4 Page - Diodes Incorporated

  DRDC3105 Datasheet HTML 1Page - Diodes Incorporated DRDC3105 Datasheet HTML 2Page - Diodes Incorporated DRDC3105 Datasheet HTML 3Page - Diodes Incorporated DRDC3105 Datasheet HTML 4Page - Diodes Incorporated DRDC3105 Datasheet HTML 5Page - Diodes Incorporated DRDC3105 Datasheet HTML 6Page - Diodes Incorporated DRDC3105 Datasheet HTML 7Page - Diodes Incorporated DRDC3105 Datasheet HTML 8Page - Diodes Incorporated DRDC3105 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DRDC3105
Document number: DS35213 Rev. 3 - 2
4 of 9
www.diodes.com
December 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DRDC3105
Typical Electrical Characteristics
110
100
0
100
200
300
400
500
01
2
34
0
1
2
3
4
5
0.00
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
30
35
40
45
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
600
0.1
1
10
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
110
100
6
7
8
9
10
-40°C
25°C
3.5V
Figure 2. Transistor DC Current Gain
T
J
= 85°C
--------V
O
= 1.0V
_____V
O
= 0.25V
I
O
, OUTPUT SINK CURRENT (mA)
MC68HC05C8
@ 5.0 Vdc
MC74HC04
@ 4.5 Vdc
MC74HC04
@ 3.0 Vdc
MC14049B @ 4.5 Vdc
MC68HC05C8 @ 3.3 Vdc
MC54LS04
+ BAL99LT1
Figure 3. Input V-I Requirement Compared
to Possible Source Logic Outputs
T
J
= 25°C
V
O
= 0.25V
DRDC3105
V
IN
vs. I
in
INPUT CURRENT (mA)
Figure 4. Threshold Effects
-40°C
25°C
T
J
= 85°C
INPUT CURRENT (mA)
1.0mA
0.4mA
0.6mA
0.1mA
0.8mA
0.2mA
1.2mA
Figure 5. Transistor Output V-I Characteristic
I
in
= 1.6mA
1.4mA
V
O
, OUTPUT VOLTAGE (Vdc)
50mA 125mA
175mA
I
out
= 10mA
500mA
350mA
Figure 6. Output Saturation Voltage versus
I
out
/I
in
____T
J
= 25°C
----T
J
= -40°C
I
in
, INPUT CURRENT (mA)
-40°C
T
J
= 85°C
25°C
Figure 7. Zener Clamp Voltage
versus Zener Current
I
Z
, ZENER CURRENT (mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com