Electronic Components Datasheet Search
  English  ▼

X  

AMC1100 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1100
Description  Fully-Differential Isolation Amplifier for Energy Metering
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1100 Datasheet(HTML) 4 Page - Texas Instruments

  AMC1100 Datasheet HTML 1Page - Texas Instruments AMC1100 Datasheet HTML 2Page - Texas Instruments AMC1100 Datasheet HTML 3Page - Texas Instruments AMC1100 Datasheet HTML 4Page - Texas Instruments AMC1100 Datasheet HTML 5Page - Texas Instruments AMC1100 Datasheet HTML 6Page - Texas Instruments AMC1100 Datasheet HTML 7Page - Texas Instruments AMC1100 Datasheet HTML 8Page - Texas Instruments AMC1100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AMC1100
SBAS562 – APRIL 2012
www.ti.com
PACKAGE CHARACTERISTICS
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Shortest terminal-to-terminal distance
L(I01)
Minimum air gap (clearance)
7
mm
through air
Shortest terminal-to-terminal distance
L(I02)
Minimum external tracking (creepage)
7
mm
across package surface
Tracking resistance
CTI
DIN IEC 60112 and VDE 0303 part 1
> 400
V
(comparative tracking index)
Minimum internal gap
Distance through insulation
0.014
mm
(internal clearance)
Input to output, VIO = 500 V, all pins on
each side of the barrier tied together to
> 1012
Ω
create a two-terminal device, TA < +85°C
RIO
Isolation resistance
Input to output, VIO = 500 V,
> 1011
Ω
+85°C
≤ TA < TA max
CIO
Barrier capacitance input to output
VI = 0.5 VPP at 1 MHz
1.2
pF
CI
Input capacitance to ground
VI = 0.5 VPP at 1 MHz
3
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of a specific
application. Care should be taken to maintain the creepage and clearance distance of the board design to ensure that the mounting
pads of the isolator on the printed circuit board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal
according to the measurement techniques shown in the Isolation Glossary section. Techniques such as inserting grooves or ribs on the
PCB are used to help increase these specifications.
ELECTRICAL CHARACTERISTICS
All minimum and maximum specifications are at TA = –40°C to +105°C and are within the specified voltage range, unless
otherwise noted. Typical values are at TA = +25°C, VDD1 = 5 V, and VDD2 = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Maximum input voltage before
VINP – VINN
±320
mV
clipping
Differential input voltage
VINP – VINN
–250
+250
mV
VCM
Common-mode operating range
-0.16
VDD1
V
VOS
Input offset voltage
–1.5
±0.2
+1.5
mV
TCVOS
Input offset thermal drift
–10
±1.5
+10
µV/K
VIN from 0 V to 5 V at 0 Hz
108
dB
CMRR
Common-mode rejection ratio
VIN from 0 V to 5 V at 50 kHz
95
dB
CIN
Input capacitance to GND1
VINP or VINN
3
pF
CIND
Differential input capacitance
3.6
pF
RIN
Differential input resistance
28
k
Ω
Small-signal bandwidth
60
100
kHz
OUTPUT
Nominal gain
8
Initial, at TA = +25°C
–0.5
±0.05
+0.5
%
GERR
Gain error
–1
±0.05
+1
%
TCGERR
Gain error thermal drift
±56
ppm/K
4.5 V
≤ VDD2 ≤ 5.5 V
–0.075
±0.015
+0.075
%
Nonlinearity
2.7 V
≤ VDD2 ≤ 3.6 V
–0.1
±0.023
+0.1
%
Nonlinearity thermal drift
2.4
ppm/K
Output noise
VINP = VINN = 0 V
3.1
mVRMS
vs VDD1, 10-kHz ripple
80
dB
PSRR
Power-supply rejection ratio
vs VDD2, 10-kHz ripple
61
dB
Rise-and-fall time
0.5-V step, 10% to 90%
3.66
6.6
µs
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): AMC1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com