Electronic Components Datasheet Search
  English  ▼

X  

AMC1100 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1100
Description  Fully-Differential Isolation Amplifier for Energy Metering
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1100 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1100 Datasheet HTML 7Page - Texas Instruments AMC1100 Datasheet HTML 8Page - Texas Instruments AMC1100 Datasheet HTML 9Page - Texas Instruments AMC1100 Datasheet HTML 10Page - Texas Instruments AMC1100 Datasheet HTML 11Page - Texas Instruments AMC1100 Datasheet HTML 12Page - Texas Instruments AMC1100 Datasheet HTML 13Page - Texas Instruments AMC1100 Datasheet HTML 14Page - Texas Instruments AMC1100 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
S1
S1
C
= 3 pF
INP
C
= 3 pF
INN
VINN
VINP
VDD1
GND1
GND1
GND1
3 pF
R
= 28 kW
IN
3 pF
VINN
VINP
Equivalent
Circuit
R
=
IN
f
C
·
CLK
DIFF
1
(
= 10 MHz)
f
CLK
C
= 3.6 pF
IND
GND1
GND1
400 W
400 W
S2
S2
AGND + 0.8 V
AGND + 0.8 V
AMC1100
www.ti.com
SBAS562 – APRIL 2012
THEORY OF OPERATION
INTRODUCTION
The differential analog input of the AMC1100 is a switched-capacitor circuit based on a second-order modulator
stage that digitizes the input signal into a 1-bit output stream. The device compares the differential input signal
(VIN = VINP – VINN) against the internal reference of 2.5 V using internal capacitors that are continuously
charged and discharged with a typical frequency of 10 MHz. With the S1 switches closed, CIND charges to the
voltage difference across VINP and VINN. For the discharge phase, both S1 switches open first and then both
S2 switches close. CIND discharges to approximately AGND + 0.8 V during this phase. Figure 31 shows the
simplified equivalent input circuitry.
Figure 31. Equivalent Input Circuit
The analog input range is tailored to directly accommodate a voltage drop across a shunt resistor used for
current sensing. However, there are two restrictions on the analog input signals, VINP and VINN. If the input
voltage exceeds the range AGND – 0.5 V to AVDD + 0.5 V, the input current must be limited to 10 mA to prevent
the implemented input protection diodes from damage. In addition, the device linearity and noise performance
are ensured only when the differential analog input voltage remains within ±250 mV.
The isolated digital bit stream is processed by a third-order analog filter on the low-side and presented as a
differential output of the device.
The SiO2-based capacitive isolation barrier supports a high level of magnetic field immunity, as described in
application report SLLA181, ISO72x Digital Isolator Magnetic-Field Immunity (available for download at
www.ti.com).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): AMC1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com