Electronic Components Datasheet Search
  English  ▼

X  

AMC1100 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1100
Description  Fully-Differential Isolation Amplifier for Energy Metering
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1100 Datasheet(HTML) 1 Page - Texas Instruments

  AMC1100 Datasheet HTML 1Page - Texas Instruments AMC1100 Datasheet HTML 2Page - Texas Instruments AMC1100 Datasheet HTML 3Page - Texas Instruments AMC1100 Datasheet HTML 4Page - Texas Instruments AMC1100 Datasheet HTML 5Page - Texas Instruments AMC1100 Datasheet HTML 6Page - Texas Instruments AMC1100 Datasheet HTML 7Page - Texas Instruments AMC1100 Datasheet HTML 8Page - Texas Instruments AMC1100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
0V
250mV
2.55V
2V
1.29V
2V
5V
3.3V
GND1
GND2
VDD1
VDD2
VOUTP
VOUTN
VINP
VINN
AMC1100
www.ti.com
SBAS562 – APRIL 2012
Fully-Differential Isolation Amplifier for Energy Metering
Check for Samples: AMC1100
1
FEATURES
DESCRIPTION
The AMC1100 is a precision isolation amplifier with
2
•
±250-mV Input Voltage Range Optimized for
an output separated from the input circuitry by a
Shunt Resistors
silicon dioxide (SiO2) barrier that is highly resistant to
•
Very Low Nonlinearity: 0.075% max at 5 V
magnetic interference. This barrier has been certified
•
Low Offset Error: 1.5 mV max
to provide galvanic isolation of up to 4250 VPEAK,
according to UL1577 and IEC60747-5-2. Used in
•
Low Noise: 3.1 mVRMS typ
conjunction with isolated power supplies, this device
•
Low High-Side Supply Current:
prevents noise currents on a high common-mode
8 mA max at 5 V
voltage line from entering the local ground and
•
Input Bandwidth: 60 kHz min
interfering with or damaging sensitive circuitry.
•
Fixed Gain: 8 (0.5% Accuracy)
The AMC1100 input is optimized for direct connection
to shunt resistors or other low voltage level signal
•
High Common-Mode Rejection Ratio: 108 dB
sources. The excellent performance of the device
•
Low-Side Operation: 3.3 V
enables accurate current and voltage measurement
•
Certified Galvanic Isolation:
in energy-metering applications. The output signal
–
UL1577 and IEC60747-5-2 Approved
common-mode voltage is automatically adjusted to
either the 3-V or 5-V low-side supply.
–
Isolation Voltage: 4250 VPEAK
The AMC1100 is fully specified over the extended
–
Working Voltage: 1200 VPEAK
industrial temperature range of –40°C to +105°C and
–
Transient Immunity: 2.5 kV/µs min
is available in the SMD-type, gullwing-8 package.
•
Typical 10-Year Lifespan at Rated Working
Voltage (see Application Report SLLA197)
•
Fully Specified Over the Extended Industrial
Temperature Range
APPLICATIONS
•
Shunt Resistor Based Current Sensing in:
–
Energy Meters
–
Green Energy
–
Power Measurement Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AMC1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1100 TI-AMC1100 Datasheet
1Mb / 33P
AMC1100 Fully-Differential Isolation Amplifier
AMC1100 TI2-AMC1100 Datasheet
1Mb / 38P
AMC1100 Fully-Differential Isolation Amplifier
REVISED DECEMBER 2019
AMC1100DUB TI-AMC1100DUB Datasheet
1Mb / 33P
AMC1100 Fully-Differential Isolation Amplifier
AMC1100DUB TI2-AMC1100DUB Datasheet
1Mb / 38P
AMC1100 Fully-Differential Isolation Amplifier
REVISED DECEMBER 2019
AMC1100DUB.A TI2-AMC1100DUB.A Datasheet
1Mb / 38P
AMC1100 Fully-Differential Isolation Amplifier
REVISED DECEMBER 2019
More results

Similar Description - AMC1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
Fully-Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
Fully-Differential Isolation Amplifier
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
Fully Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
AMC1200/B Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
Fully Differential Isolation Amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
Fully Differential Amplifier
logo
Texas Instruments
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
Fully-Differential Isolation Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
Fully differential amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com