Electronic Components Datasheet Search
  English  ▼

X  

INA230 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA230
Description  High- or Low-Side Measurement
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA230 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA230 Datasheet HTML 5Page - Texas Instruments INA230 Datasheet HTML 6Page - Texas Instruments INA230 Datasheet HTML 7Page - Texas Instruments INA230 Datasheet HTML 8Page - Texas Instruments INA230 Datasheet HTML 9Page - Texas Instruments INA230 Datasheet HTML 10Page - Texas Instruments INA230 Datasheet HTML 11Page - Texas Instruments INA230 Datasheet HTML 12Page - Texas Instruments INA230 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
16
18
20
22
24
−50
−25
0
25
50
75
100
125
Temperature (°C)
G013
20
60
100
140
180
220
260
−50
−25
0
25
50
75
100
125
Temperature (°C)
G014
100
200
300
400
500
−50
−25
0
25
50
75
100
125
Temperature (°C)
G015
0.2
0.4
0.6
0.8
1
1.2
−50
−25
0
25
50
75
100
125
Temperature (°C)
G016
1
10
100
1,000
10,000
Frequency (kHz)
500
450
400
350
300
1
10
100
1,000
10,000
Frequency (kHz)
300
250
200
150
100
50
0
INA230
www.ti.com
SBOS601
– FEBRUARY 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV, and VBUS = 12 V, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
INPUT BIAS CURRENT vs TEMPERATURE, SHUTDOWN
Figure 14.
Figure 15.
ACTIVE IQ vs TEMPERATURE
SHUTDOWN IQ vs TEMPERATURE
Figure 16.
Figure 17.
ACTIVE IQ vs I
2C CLOCK FREQUENCY
SHUTDOWN IQ vs I
2C CLOCK FREQUENCY
Figure 18.
Figure 19.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com