Electronic Components Datasheet Search
  English  ▼

X  

INA230 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA230
Description  High- or Low-Side Measurement
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA230 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA230 Datasheet HTML 15Page - Texas Instruments INA230 Datasheet HTML 16Page - Texas Instruments INA230 Datasheet HTML 17Page - Texas Instruments INA230 Datasheet HTML 18Page - Texas Instruments INA230 Datasheet HTML 19Page - Texas Instruments INA230 Datasheet HTML 20Page - Texas Instruments INA230 Datasheet HTML 21Page - Texas Instruments INA230 Datasheet HTML 22Page - Texas Instruments INA230 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
INA230
www.ti.com
SBOS601
– FEBRUARY 2012
REGISTER DETAILS
All 16-bit INA230 registers are two 8-bit bytes via the I2C interface.
Configuration Register (00h, Read/Write)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
RST
—
—
—
AVG2
AVG1
AVG0
VBUSCT2 VBUSCT1 VBUSCT0
VSHCT2
VSHCT1
VSHCT0
MODE3
MODE2
MODE1
NAME
POR
0
1
0
0
0
0
0
1
0
0
1
0
0
1
1
1
VALUE
The Configuration register settings control the operating modes for the INA230. This register controls the
conversion time settings for both the shunt and bus voltage measurements, as well as the averaging mode used.
The operating mode that controls which signals are selected to be measured is also programmed in the
Configuration register.
The Configuration register can be read from at any time without impacting or affecting the device settings or a
conversion in progress. Writing to the Configuration register halts any conversion in progress until the write
sequence is complete, resulting in the start of a new conversion based on the new contents of the Configuration
register. This feature prevents any uncertainty in the conditions used for the next completed conversion.
Bit Descriptions
RST:
Reset Bit
Bit 15
Setting this bit to '1' generates a system reset that is the same as a power-on reset; all registers are reset to default
values. This bit self-clears.
AVG:
Averaging Mode
Bits 9
–11
Sets the number of samples that are collected and averaged together. Table 3 summarizes the AVG bit settings
and related number of averages for each bit.
Table 3. AVG Bit Settings [11:9](1)
AVG2
AVG1
AVG0
NUMBER OF
(D11)
(D10)
(D9)
AVERAGES
0
0
0
1
0
0
1
4
0
1
0
16
0
1
1
64
1
0
0
128
1
0
1
256
1
1
0
512
1
1
1
1024
(1)
Shaded values are default.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): INA230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com