Electronic Components Datasheet Search
  English  ▼

X  

INA230 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA230
Description  High- or Low-Side Measurement
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA230 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA230 Datasheet HTML 9Page - Texas Instruments INA230 Datasheet HTML 10Page - Texas Instruments INA230 Datasheet HTML 11Page - Texas Instruments INA230 Datasheet HTML 12Page - Texas Instruments INA230 Datasheet HTML 13Page - Texas Instruments INA230 Datasheet HTML 14Page - Texas Instruments INA230 Datasheet HTML 15Page - Texas Instruments INA230 Datasheet HTML 16Page - Texas Instruments INA230 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
´
Power Register
Current Register
I C
2
Interface
Voltage Register
GND
BUS
ADC
V
I
A0
ALERT
A1
SDA
SCL
C
0.1 F
BYPASS
m
Load
Alert Register
V
(Supply Voltage)
S
Power Supply
(0 V to 28 V)
R
10
FILTER
W
£
R
10
FILTER
W
£
C
0.1 F to 1 F
Ceramic
Capacitor
FILTER
m
m
IN-
IN+
INA230
www.ti.com
SBOS601
– FEBRUARY 2012
Filtering and Input Considerations
Measuring current is often a noisy task, and such noise can be difficult to define. The INA230 offers several
options for filtering by allowing the conversion times and number of averages to be independently selected in the
Configuration register. The conversion times can be independently set for the shunt voltage and bus voltage
measurements to allow added flexibility in configuring the monitoring of the power-supply bus.
The internal ADC is based on a delta-sigma (
ΔΣ) front-end with a 500 kHz (±30%) typical sampling rate. This
architecture has good inherent noise rejection; however, transients that occur at or very close to the sampling
rate harmonics can cause problems. Because these signals are at 1 MHz and higher, they can be managed by
incorporating filtering at the input of the INA230. The high frequency enables the use of low-value series resistors
on the filter with negligible effects on measurement accuracy. In general, filtering the INA230 input is only
necessary if there are transients at exact harmonics of the 500-kHz (
±30%) sampling rate (greater than 1 MHz).
Filter using the lowest possible series resistance (typically 10
Ω or less) and a ceramic capacitor. Recommended
values for this capacitor are 0.1
μF to 1.0 μF. Figure 22 shows the INA230 with an additional filter added at the
input.
Overload conditions are another consideration for the INA230 inputs. The INA230 inputs are specified to tolerate
30 V across the inputs. A large differential scenario might be a short to ground on the load side of the shunt. This
type of event can result in full power-supply voltage across the shunt (as long as the power supply or energy
storage capacitors support it). Keep in mind that removing a short to ground can result in inductive kickbacks that
could exceed the 30-V differential and common-mode rating of the INA230. Inductive kickback voltages are best
controlled by zener-type transient-absorbing devices (commonly called transzorbs) combined with sufficient
energy storage capacitance.
In applications that do not have large energy-storage electrolytics on one or both sides of the shunt, an input
overstress condition may result from an excessive dV/dt of the voltage applied to the input. A hard physical short
is the most likely cause of this event, particularly in applications with no large electrolytics present. This problem
occurs because an excessive dV/dt can activate the ESD protection in the INA230 in systems where large
currents are available. Testing has demonstrated that the addition of 10-
Ω resistors in series with each input of
the INA230 sufficiently protect the inputs against this dV/dt failure up to the 30-V rating of the INA230. Selecting
these resistors in the range noted has minimal effect on accuracy.
Figure 22. INA230 with Input Filtering
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com