Electronic Components Datasheet Search
  English  ▼

X  

INA230 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA230
Description  High- or Low-Side Measurement
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA230 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA230 Datasheet HTML 17Page - Texas Instruments INA230 Datasheet HTML 18Page - Texas Instruments INA230 Datasheet HTML 19Page - Texas Instruments INA230 Datasheet HTML 20Page - Texas Instruments INA230 Datasheet HTML 21Page - Texas Instruments INA230 Datasheet HTML 22Page - Texas Instruments INA230 Datasheet HTML 23Page - Texas Instruments INA230 Datasheet HTML 24Page - Texas Instruments INA230 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
INA230
www.ti.com
SBOS601
– FEBRUARY 2012
DATA OUTPUT REGISTERS
Shunt Voltage Register (01h, Read-Only)
The Shunt Voltage register stores the current shunt voltage reading, VSHUNT. Negative numbers are represented
in twos complement format. Generate the twos complement of a negative number by complementing the
absolute value binary number and adding 1. Extend the sign, denoting a negative number by setting the MSB =
'1'.
Example: For a value of VSHUNT = –80 mV:
1. Take the absolute value: 80mV
2. Translate this number to a whole decimal number (80 mV
÷ 2.5 µV) = 32000
3. Convert this number to binary = 111 1101 0000 0000
4. Complement the binary result = 000 0010 1111 1111
5. Add '1' to the complement to create the twos complement result = 000 0011 0000 0000
6. Extend the sign and create the 16-bit word: 1000 0011 0000 0000 = 8300h
If averaging is enabled, this register displays the averaged value. Full-scale range = 81.9175 mV (decimal =
7FFF); LSB: 2.5
μV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SIGN
SD14
SD13
SD12
SD11
SD10
SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
Bus Voltage Register (02h, Read-Only)(1)
The Bus Voltage register stores the most recent bus voltage reading, VBUS.
If averaging is enabled, this register displays the averaged value. Full-scale range = 40.95875 V (decimal =
7FFF); LSB = 1.25 mV. Do not apply more than 28 V on the BUS pin.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
—
BD14
BD13
BD12
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
(1)
D15 is always zero because bus voltage can only be positive.
Power Register (03h, Read-Only)
If averaging is enabled, this register displays the averaged value.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
PD15
PD14
PD13
PD12
PD11
PD10
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
The Power register LSB is internally programmed to equal 25 times the programmed value of the Current_LSB.
The Power register records power in watts by multiplying the decimal values of the current register with the
decimal value of the bus voltage register according to Equation 4.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): INA230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com