Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4521 Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
0
200
400
600
800
1000
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
Time (ns)
Power Down
VOUT
VS = 5 V
G = 1 V/V
RF = 2 kΩ
RL = 200 Ω
G045
−100
−90
−80
−70
−60
−50
−40
−30
−20
100k
1M
10M
30M
Frequency (Hz)
CMRR
PSRR
VS = 5 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
G044
0
10
20
30
40
50
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
Time (ns)
Power Down
VOUT
VS = 5 V
G = 1 V/V
RF = 2 kΩ
RL = 200 Ω
G046
10
100
1k
10k
100k
1M
0.1
1
10
100
0.1
1
10
100
Frequency (Hz)
Voltage Noise
Current Noise
G047
THS4531
www.ti.com
SLOS358B – SEPTEMBER 2011 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS: VS = 5V (continued)
Test conditions unless otherwise noted: VS+ = 5 V, VS– = 0V, VOCM = open, VOUT = 2Vpp, RF = 2kΩ, RL = 2kΩ Differential, G =
1V/V, Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply, TA = 25°Cunless otherwise noted.
REJECTION RATIO
vs
FREQUENCY
TURN-ON TIME
Figure 53.
Figure 54.
INPUT-REFERRED VOLTAGE NOISE
and
TURN-OFF TIME
CURRENT NOISE SPECTRAL DENSITY
Figure 55.
Figure 56.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): THS4531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com