Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4521 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
VOUT+
RG
RG
VIN–
VIN+
0.22 μF
RF
RF
RO
RO
RIT
RIT
Output to
Test Equipment
Input From 50-Ω
Test Equipment
No Connection
0.22 μF
49.9 Ω
VOUT–
Installed to Balance
Amplifier
VS+
THS4531
VS–
Output to
Test Equipment
0.22 μF
PD
+
VOCM
–
VIN+
VOUT+
RG
RG
VIN–
0.22 μF
RF
RF
RO
RO
ROT
RIT
Input From 50-Ω
Test Equipment
No Connection
VOUT–
VS+
THS4531
VS–
Measure With
Diff Probe
Cal Diff Probe
+
–
VOCM
THS4531
www.ti.com
SLOS358B – SEPTEMBER 2011 – REVISED MARCH 2012
Figure 69. Slew Rate, Transient Response, Settling Time, ZO, Overdrive Recovery, VOUT Swing, and Turn-
on/off Test Circuit
Common-Mode and Power Supply Rejection
The circuit shown in Figure 70 is used to measure the CMRR. The signal from the network analyzer is applied
common-mode to the input.
Figure 70. CMRR Test Circuit
Figure 71 is used to measure the PSRR of VS+ and VS-. The power supply is applied to the network analyzer’s
DC offset input. For both CMRR and PSRR, the output is probed using a high impedance differential probe
across ROT.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): THS4531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com