Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4521 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
RG
RG
RF
RF
VS+
THS4531
VS±
VOUT+
VOUT±
VIN+
VIN±
+
±
Differential
Input
Differential
Output
RG
RG
RF
RF
VS+
THS4531
VS–
VOUT+
VOUT–
VIN+
+
–
Single-Ended
Input
Differential
Output
THS4531
SLOS358B – SEPTEMBER 2011 – REVISED MARCH 2012
www.ti.com
APPLICATION CIRCUITS
The following circuits show application information for the THS4531. For simplicity, power supply decoupling
capacitors are not shown in these diagrams – please see the EVM and Layout Recommendations section for
recommendations. For more detail on the use and operation of fully differential op amps refer to application
report “Fully-Differential Amplifiers” SLOA054D.
Differential Input to Differential Output Amplifier
The THS4531 is a fully differential op amp and can be used to amplify differential input signals to differential
output signals. A basic block diagram of the circuit is shown in Figure 74 (VOCM and PD inputs not shown). The
gain of the circuit is set by RF divided by RG.
Figure 74. Differential Input to Differential Output Amplifier
Single-Ended Input to Differential Output Amplifier
The THS4531 can also be used to amplify and convert single-ended input signals to differential output signals. A
basic block diagram of the circuit is shown in Figure 75 (VOCM and PD inputs not shown). The gain of the circuit
is again set by RF divided by RG.
Figure 75. Single-Ended Input to Differential Output Amplifier
Differential Input to Single-Ended Output Amplifier
Fully differential op amps like the THS4531 are not recommended for differential to single-ended conversion.
This application is best performed with an instrumentation amplifier or with a standard op amp configured as a
classic differential amplifier. See application section of the OPA835 data sheet (SLOS713).
32
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): THS4531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com