Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4521 Datasheet(HTML) 37 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments THS4521 Datasheet HTML 39Page - Texas Instruments THS4521 Datasheet HTML 40Page - Texas Instruments THS4521 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
0
50m
100m
150m
200m
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
Time (s)
Power Supply
VOUT +
VOUT −
VS = 5 V
G = 2 V/V
RF = 2 kΩ
RL = 200 Ω
G072
0
50m
100m
150m
200m
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
Time (s)
Power Supply
VOUT +
VOUT −
VS = 5 V
G = 2 V/V
RF = 2 kΩ
RL = 200 Ω
G073
THS4531
www.ti.com
SLOS358B – SEPTEMBER 2011 – REVISED MARCH 2012
Audio On/Off Pop Performance
The THS4531 is tested to show on and off pop performance by connecting a speaker between the differential
outputs and switching on and off the power supply, and also by using the power down function of the THS4531.
Testing was done with and without tones. During these tests no audible pop could be heard.
With no input tone, Figure 83 shows the voltage waveforms when switching power on to the THS4531 and
Figure 84 shows voltage waveforms when turning power off. The transients during power on and off show no
audible pop should be heard.
Figure 83. Power Supply Turn On Pop Performance
Figure 84. Power Supply Turn Off Pop Performance
With no input tone, Figure 85 shows the voltage waveforms using the PD pin to enable and disable the
THS4531. The transients during power on and off show no audible pop should be heard.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): THS4531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com