Electronic Components Datasheet Search
  English  ▼

X  

TLV705 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705 Datasheet(HTML) 3 Page - Texas Instruments

  TLV705 Datasheet HTML 1Page - Texas Instruments TLV705 Datasheet HTML 2Page - Texas Instruments TLV705 Datasheet HTML 3Page - Texas Instruments TLV705 Datasheet HTML 4Page - Texas Instruments TLV705 Datasheet HTML 5Page - Texas Instruments TLV705 Datasheet HTML 6Page - Texas Instruments TLV705 Datasheet HTML 7Page - Texas Instruments TLV705 Datasheet HTML 8Page - Texas Instruments TLV705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TLV705
TLV705P
www.ti.com
SBVS151B
– DECEMBER 2010 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS
At TJ = –40°C to +125°C, VIN = VOUT (typ) + 0.5 V or 2 V (whichever is greater), IOUT = 10 mA, VEN = 0.9 V, and COUT = 1 μF,
unless otherwise noted. Typical values are at TJ = +25°C.
TLV705
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2
5.5
V
VOUT
Output voltage range
0.7
4.8
V
0 mA
≤ IOUT ≤ 200 mA, VOUT ≥ 1 V
–2
±0.5
2
%
VO
DC output accuracy
–40°C ≤ TJ ≤ +125°C
0 mA
≤ IOUT ≤ 200 mA, VOUT < 1 V
–20
±5
20
mV
ΔVO/ΔVIN
Line regulation
VOUT(NOM) + 0.5 V ≤ VIN ≤ 5.5 V
0.05
5
mV
ΔVO/ΔIOUT
Load regulation
0 mA
≤ IOUT ≤ 200 mA
1
mV
VDO
Dropout voltage(1)
VIN = 0.98 × VOUT(NOM), IOUT = 200 mA
145
250
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM), TJ = +25°C
260
400
550
mA
IOUT = 0 mA
35
55
μA
IGND
Ground pin current
IOUT = 200 mA
315
μA
Shutdown ground pin
ISHUTDOWN
VEN ≤ 0.4 V, 2 V ≤ VIN ≤ 4.5 V
1
1.8
μA
current
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA, f = 10 kHz
80
dB
Power-supply
PSRR
rejection ratio
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA, f = 1 MHz
55
dB
VIN = 2.3 V, VOUT = 1.8 V
26.6
μVRMS
BW = 100 Hz to 100
VIN = 3.3 V, VOUT = 2.8 V
26.7
μVRMS
kHz, IOUT = 10 mA
VIN = 3.8 V, VOUT = 3.3 V
28.2
μVRMS
VN
Output noise voltage
VIN = 2.3 V, VOUT = 1.8 V
30.7
μVRMS
BW = 10 Hz to 100 kHz,
VIN = 3.3 V, VOUT = 2.8 V
31.3
μVRMS
IOUT = 10 mA
VIN = 3.8 V, VOUT = 3.3 V
34.1
μVRMS
tSTR
Startup time(2)
COUT = 1 μF, IOUT = 200 mA
100
μs
VHI
Enable high (enabled)
0.9
VIN
V
VLO
Enable low (disabled)
0
0.4
V
IEN
EN pin current
EN = 5.5 V
0.01
μA
UVLO
Undervoltage lockout
VIN rising
1.9
V
Shutdown, temperature increasing
+160
°C
Thermal shutdown
tSD
temperature
Reset, temperature decreasing
+140
°C
Operating junction
TJ
–40
+125
°C
temperature
(1)
VDO is measured for devices with VOUT(NOM) = 2.35 V so that VIN = 2.3 V.
(2)
Startup time = time from EN assertion to 0.98
× VOUT(NOM).
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com