Electronic Components Datasheet Search
  English  ▼

X  

TLV705 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705 Datasheet(HTML) 1 Page - Texas Instruments

  TLV705 Datasheet HTML 1Page - Texas Instruments TLV705 Datasheet HTML 2Page - Texas Instruments TLV705 Datasheet HTML 3Page - Texas Instruments TLV705 Datasheet HTML 4Page - Texas Instruments TLV705 Datasheet HTML 5Page - Texas Instruments TLV705 Datasheet HTML 6Page - Texas Instruments TLV705 Datasheet HTML 7Page - Texas Instruments TLV705 Datasheet HTML 8Page - Texas Instruments TLV705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TLV705
GND
EN
V
IN
V
OUT
Input
Output
On
Off
C
IN
C
OUT
1 F
Ceramic
m
EN
GND
V
IN
V
OUT
YFF, YFP PACKAGES
WCSP-4
(TOP VIEW)
2
1
A
B
TLV705
TLV705P
www.ti.com
SBVS151B
– DECEMBER 2010 – REVISED DECEMBER 2011
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
in Ultra-Small 0.8-mm x 0.8-mm WCSP
1
FEATURES
DESCRIPTION
The TLV705 series of low-dropout (LDO) linear
234
•
Very Low Dropout:
regulators are low quiescent current devices with
– 105 mV at IOUT = 150 mA
excellent
line
and
load
transient
performance.
– 145 mV at IOUT = 200 mA
Designed for power-sensitive applications, a precision
bandgap and error amplifier provides typical accuracy
•
Accuracy: 0.5% Typical
of 0.5%. Low output noise, very high power-supply
•
Low IQ: 35 μA
rejection ratio (PSRR), and low dropout voltage make
•
Available in Fixed-Output Voltages from
this series of LDOs ideal for a wide selection of
0.7 V to 4.8 V
battery-operated hand-held equipment. All devices
have a thermal shutdown and current limit for safety.
•
High PSRR: 70 dB at 1 kHz
•
Stable with Effective Capacitance of 0.1
μF
Furthermore, the TLV705 is stable with an effective
output capacitance of only 0.1
μF. This feature
•
Thermal Shutdown and Overcurrent Protection
enables the use of cost-effective capacitors that have
•
Available in 0.8-mm x 0.8-mm WCSP
higher bias voltage and temperature derating. The
•
Available in Two WCSP Height Options:
devices regulate to the specified accuracy with zero
output load. The TLV705P series also provides an
– YFF: 0.625 mm Max Height
active pull-down circuit to quickly discharge output.
– YFP: 0.5 mm Max Height
The TLV705 and TLV705P series are both available
in a 0.8-mm
× 0.8-mm WCSP with two height options
APPLICATIONS
that are optimal for hand-held applications.
•
Wireless Handsets
•
Smart Phones, PDAs
•
MP3 Players
•
Zigbee
™ Networks
•
Bluetooth® Devices
•
Other Li-Ion Operated Hand-Held Products
•
WLAN and Other PC Add-On Cards
Typical Application Circuit
(Fixed-Voltage Versions)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
3
Zigbee is a trademark of ZigBee Alliance.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV705 TI1-TLV705 Datasheet
966Kb / 24P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small 0.8-mm x 0.8-mm WCSP
TLV705 TI1-TLV705 Datasheet
1Mb / 33P
Thermal Shutdown and Overcurrent Protection
TLV705 TI1-TLV705 Datasheet
1Mb / 36P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
TLV705075YFPR TI1-TLV705075YFPR Datasheet
1Mb / 33P
Thermal Shutdown and Overcurrent Protection
TLV705075YFPR TI1-TLV705075YFPR Datasheet
1Mb / 36P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
More results

Similar Description - TLV705

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
logo
ON Semiconductor
NCP707 ONSEMI-NCP707 Datasheet
897Kb / 19P
200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 1
logo
Texas Instruments
TLV707 TI-TLV707_13 Datasheet
1Mb / 35P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
logo
ON Semiconductor
NCP707 ONSEMI-NCP707_15 Datasheet
857Kb / 19P
200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
June, 2015 ??Rev. 8
logo
Texas Instruments
TLV707P TI-TLV707P Datasheet
1Mb / 42P
TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI-TLV707_V01 Datasheet
1Mb / 44P
TLV707, TLV707P 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com