Electronic Components Datasheet Search
  English  ▼

X  

TLV705 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV705 Datasheet HTML 7Page - Texas Instruments TLV705 Datasheet HTML 8Page - Texas Instruments TLV705 Datasheet HTML 9Page - Texas Instruments TLV705 Datasheet HTML 10Page - Texas Instruments TLV705 Datasheet HTML 11Page - Texas Instruments TLV705 Datasheet HTML 12Page - Texas Instruments TLV705 Datasheet HTML 13Page - Texas Instruments TLV705 Datasheet HTML 14Page - Texas Instruments TLV705 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TLV705
TLV705P
www.ti.com
SBVS151B
– DECEMBER 2010 – REVISED DECEMBER 2011
APPLICATION INFORMATION
The TLV705 and TLV705P series of devices belong
BOARD LAYOUT RECOMMENDATIONS TO
to a new family of next-generation value low-dropout
IMPROVE PSRR AND NOISE PERFORMANCE
(LDO)
voltage
regulators.
They
consume
low
Input and output capacitors should be placed as
quiescent current and deliver excellent line and load
close to the device pins as possible. To improve ac
transient performance. This performance, combined
performance (such as PSRR, output noise, and
with low noise, very good PSRR with little (VIN –
transient response), it is recommended that the board
VOUT) headroom, makes these devices ideal for RF
be designed with separate ground planes for VIN and
portable applications. This family of regulators offers
VOUT, with the ground plane connected only at the
sub-bandgap output voltages down to 0.7 V, current
GND pin of the device. In addition, the ground
limit, and thermal protection, and are specified
connection
for
the
output
capacitor
should
be
from
–40°C to +125°C. The TLV705P provides an
connected directly to the GND pin of the device. High
active pull-down circuit to quickly discharge the
ESR capacitors may degrade PSRR.
outputs.
INTERNAL CURRENT LIMIT
INPUT AND OUTPUT CAPACITOR
REQUIREMENTS
The internal current limits of the TLV705 series help
protect the regulator during fault conditions. During
1-
μF X5R- and X7R-type ceramic capacitors are
current limit, the output sources a fixed amount of
recommended
because
these
components
have
current that is largely independent of output voltage.
minimal variation in value and equivalent series
In such a case, the output voltage is not regulated,
resistance (ESR) over temperature. However, the
and can be measured as VOUT = ILIMIT × RLOAD. The
TLV705 series is designed to be stable with an
PMOS pass transistor dissipates [(VIN – VOUT) × ILIMIT]
effective capacitance of 0.1
μF or larger at the output.
until a thermal shutdown is triggered and the device
Thus, the device would also be stable with capacitors
turns off. As the device cools down, it is turned on by
of
other
dielectrics
as
long
as
the
effective
the internal thermal shutdown circuit. If the fault
capacitance under the operating bias voltage and
condition continues, the device cycles between
temperature is greater than 0.1
μF. This effective
current limit and thermal shutdown; see the Thermal
capacitance refers to the capacitance that the LDO
Information section for more details.
sees under operating bias voltage and temperature
conditions (that is, the capacitance after taking the
The PMOS pass element in the TLV705 has a built-in
bias
voltage
and
temperature
derating
into
body diode that conducts current when the voltage at
consideration). In addition to allowing the use of lower
VOUT exceeds the voltage at VIN. This current is not
cost dielectrics, it also enables using smaller footprint
limited, so if extended reverse voltage operation is
capacitors
that
have
higher
derating
in
anticipated, external limiting to 5% of rated output
space-constrained applications.
current is recommended.
Note that using a 0.1-
μF rating capacitor at the output
SOFT-START
of the LDO does not ensure stability because the
effective capacitance under operating conditions
The startup current is given by Equation 1. This
would be less than 0.1
μF. Maximum ESR should be
equation shows that soft-start current is directly
less than 200 m
Ω.
proportional to COUT.
ISOFT-START = COUT (μF) × 0.06 (V/μs) + ILOAD (mA)
(1)
Although an input capacitor is not required for
stability, it is good analog design practice to connect
The output voltage ramp rate is independent of COUT
a 0.1-
μF to 1-μF low ESR capacitor across the VIN
and the load current, and has a typical value of
and GND pins of the regulator. This capacitor
0.06 V/
μs.
counteracts reactive input sources and improves
The TLV705 automatically adjusts the soft-start
transient
response,
noise
rejection,
and
ripple
current to supply both the load current and the
rejection. A higher-value capacitor may be necessary
current to charge COUT. For example, if ILOAD = 0 mA
if large, fast rise-time load transients are anticipated,
upon enabling the LDO, then ISOFT-START = 1 μF ×
or if the device is not located close to the power
0.06 V/
μs + 0 mA = 60 mA, which is the current that
source. If source impedance is more than 2
Ω, a
charges the output capacitor. However if ILOAD =
0.1-
μF input capacitor may be necessary to ensure
200 mA, then ISOFT-START = 1 μF × 0.06 V/μs + 200
stability.
mA = 260 mA, which is the current required for
charging the output capacitor and supplying the load
current.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com