Electronic Components Datasheet Search
  English  ▼

X  

TLV705 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV705 Datasheet HTML 8Page - Texas Instruments TLV705 Datasheet HTML 9Page - Texas Instruments TLV705 Datasheet HTML 10Page - Texas Instruments TLV705 Datasheet HTML 11Page - Texas Instruments TLV705 Datasheet HTML 12Page - Texas Instruments TLV705 Datasheet HTML 13Page - Texas Instruments TLV705 Datasheet HTML 14Page - Texas Instruments TLV705 Datasheet HTML 15Page - Texas Instruments TLV705 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TLV705
TLV705P
SBVS151B
– DECEMBER 2010 – REVISED DECEMBER 2011
www.ti.com
If the output capacitor and load are increased such
dissipation,
thermal
resistance,
and
ambient
that the soft-start current exceeds the output current
temperature, the thermal protection circuit may cycle
limit, it is clamped at the typical current limit of
on and off. This cycling limits the dissipation of the
400 mA. For example, if COUT = 10 μF and IOUT = 200
regulator, protecting it from damage as a result of
mA, then 10
μF × 0.06 V/μs + 200 mA = 800 mA is
overheating.
not supplied. Instead, it is clamped at 400 mA.
Any tendency to activate the thermal protection circuit
indicates
excessive
power
dissipation
or
an
SHUTDOWN
inadequate heatsink. For reliable operation, junction
temperature should be limited to +125
°C, maximum.
The enable pin (EN) is active high. The device is
To estimate the margin of safety in a complete design
enabled when the EN pin goes above 0.9 V. This
(including
heatsink),
increase
the
ambient
relatively lower value of voltage required to turn the
temperature until the thermal protection is triggered;
LDO on can be used to power the device with the
use worst-case loads and signal conditions. For good
GPIO of recent processors with a GPIO voltage lower
reliability, thermal protection should trigger at least
than traditional microcontrollers. The device is turned
+35
°C
above
the
maximum
expected
ambient
off when the EN pin is held at less than 0.4 V. When
condition
of
the
particular
application.
This
shutdown capability is not required, EN can be
configuration
produces
a
worst-case
junction
connected to the VIN pin. The TLV705P version has
temperature of +125
°C at the highest expected
internal active pull-down circuitry that discharges the
ambient temperature and worst-case load.
output with a time constant of:
τ = (120 × RL)/(120 + RL) × COUT
The internal protection circuitry of the TLV705 is been
designed to protect against overload conditions. It is
Where:
not
intended
to
replace
proper
heatsinking.
RL = load resistance, COUT = output capacitor (2)
Continuously
running
the
TLV705
into
thermal
shutdown degrades device reliability.
DROPOUT VOLTAGE
POWER DISSIPATION
The TLV705 uses a PMOS pass transistor to achieve
low dropout. When (VIN – VOUT) is less than the
The ability to remove heat from the die is different for
dropout voltage (VDO), the PMOS pass device is in
each
package
type,
presenting
different
the linear region of operation and the input-to-output
considerations in the printed circuit board (PCB)
resistance is the RDS(ON) of the PMOS pass element.
layout. The PCB area around the device that is free
VDO approximately scales with the output current
of other components moves the heat from the device
because the PMOS device behaves as a resistor in
to the ambient air. Performance data for JEDEC low
dropout.
and
high-K
boards
are
given
in
the
Thermal
Information table. Using heavier copper increases the
As with any linear regulator, PSRR and transient
effectiveness in removing heat from the device. The
response are degraded as (VIN – VOUT) approaches
addition of plated through-holes to heat-dissipating
dropout. This effect is shown in Figure 15 in the
layers also improves the heatsink effectiveness.
Typical Characteristics.
Refer to Table 2 for thermal performance on the
TRANSIENT RESPONSE
TLV705 evaluation module (EVM). The EVM is a
two-layer board with two ounces of copper per side.
As with any regulator, increasing the size of the
Dimensions and layout of the board are illustrated in
output capacitor reduces over/undershoot magnitude,
Figure 28 and Figure 29, respectively.
but increases the duration of the transient response.
Power dissipation depends on input voltage and load
UNDERVOLTAGE LOCK-OUT (UVLO)
conditions. Power dissipation (PD) is equal to the
product of the output current and the voltage drop
The TLV705 uses an undervoltage lockout (UVLO)
across the output pass element, as shown in
circuit to keep the output shut off until the internal
Equation 3:
circuitry is operating properly.
PD = (VIN – VOUT) × IOUT
(3)
THERMAL INFORMATION
Thermal protection disables the output when the
junction temperature rises to approximately +165
°C,
allowing the device to cool. When the junction
temperature cools to approximately +145
°C, the
output circuitry is again enabled. Depending on power
12
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com