Electronic Components Datasheet Search
  English  ▼

X  

AS8221_V3 Datasheet(PDF) 16 Page - ams AG

Part # AS8221_V3
Description  FlexRay Standard Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221_V3 Datasheet(HTML) 16 Page - ams AG

Back Button AS8221_V3 Datasheet HTML 12Page - ams AG AS8221_V3 Datasheet HTML 13Page - ams AG AS8221_V3 Datasheet HTML 14Page - ams AG AS8221_V3 Datasheet HTML 15Page - ams AG AS8221_V3 Datasheet HTML 16Page - ams AG AS8221_V3 Datasheet HTML 17Page - ams AG AS8221_V3 Datasheet HTML 18Page - ams AG AS8221_V3 Datasheet HTML 19Page - ams AG AS8221_V3 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
AS8221
Datasheet - Detailed Descr i p ti on
www.austriamicrosystems.com/flexray/AS8221
Revision 1.7
16 - 42
8.5 Undervoltage Events
The device monitors the following three voltage supplies:

VBAT: Battery supply voltage

VIO: Supply voltage for I/O digital level adaptation

VCC: Supply voltage (+5V)
8.5.1 Undervoltage/Voltage Recovery VBAT
If VBAT voltage falls below VBATTHL for a time longer than tUV_DETECT then the undervoltage VBAT flag is set and it is reset if VBAT exceeds the
voltage threshold VBATTHH for a time longer than tUV_REC or in case a wake-up event has been detected. The flag can be set or reset in all the
modes.
8.5.2 Undervoltage/Voltage Recovery VIO
If VIO voltage falls below VIOTHL for a time longer than tUV_DETECT then the undervoltage VIO flag is set and it is reset if VIO exceeds the voltage
threshold VIOTHH for a time longer than tUV_REC or in case a wake-up event has been detected. The flag can be set or reset in all the operation
modes. The flag is automatically reset at POWER-OFF.
8.5.3 Undervoltage/Voltage Recovery VCC
If VCC voltage falls below VCCTHL for a time longer than tUV_DETECT then the undervoltage VCC flag is set and it is reset if VCC exceeds the
voltage threshold VCCTHH for a time longer than tUV_REC or in case a wake-up event has been detected. The flag can be set or reset in all
operation modes. The flag is automatically reset at POWER-OFF.
8.6 Power On/Off Events

Starting from POWER-OFF mode a power on event occurs in case VBAT undervoltage flag is reset.

Starting from every operation mode a POWER-OFF event occurs in case VBAT and VCC undervoltage flags are set.
8.7 Wake-Up Events
A wake-up event can be detected only in low-power modes. The wake-up flag is set if the remote or local wake flag is set. The wake-up flag is
reset if both the remote and local wake-up flags are reset. The remote wake-up flag is set if a remote wake-up event occurs. The local wake-up
flag is set if a local wake-up event occurs. The remote and local wake-up flags are reset entering a low-power mode from a non-low-power mode,
entering NORMAL mode, whenever an undervoltage event occurs and at POWER-OFF.
8.7.1 Remote Wake-Up Event
A remote wake-up event, only possible in low-power mode, consists in the reception of at least two consecutive wake-up symbols via the bus
within tBWU_Detect. The wake-up symbol is defined as Data0 longer than tBWU_D0 followed by idle or Data1 longer than tBWU_Idle as in Figure 7
unless an undervoltage or wake-up event is present.
Figure 7. Signal for Wake-up Pattern Recognition
tBWU_D0
tBWU_Idle
VBUS
tBWU_D0
tBWU_Idle
tBWU_Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com