Electronic Components Datasheet Search
  English  ▼

X  

AS8221_V3 Datasheet(PDF) 40 Page - ams AG

Part # AS8221_V3
Description  FlexRay Standard Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221_V3 Datasheet(HTML) 40 Page - ams AG

Back Button AS8221_V3 Datasheet HTML 34Page - ams AG AS8221_V3 Datasheet HTML 35Page - ams AG AS8221_V3 Datasheet HTML 36Page - ams AG AS8221_V3 Datasheet HTML 37Page - ams AG AS8221_V3 Datasheet HTML 38Page - ams AG AS8221_V3 Datasheet HTML 39Page - ams AG AS8221_V3 Datasheet HTML 40Page - ams AG AS8221_V3 Datasheet HTML 41Page - ams AG AS8221_V3 Datasheet HTML 42Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
AS8221
Datasheet - Revision Hist ory
www.austriamicrosystems.com/flexray/AS8221
Revision 1.7
40 - 42
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
1.0
Sep 01, 2009
hgl
First version
1.1
Sep 14, 2009
Made sentence corrections and converted the ‘Typ’ values of Table 3 in
to standard format. No Technical Changes to the datasheet.
1.2
May 13, 2010
Updated the ERRN Signalling Table 8. (no functional change)
Updated Ordering Information Table 13.
Added Package Drawings and Markings – refer to page 39.
1.3
July 16, 2010
Updated Ordering Information Table 13.
1.4
Oct 30, 2010
Updated the following:
VBAT minimum voltage requirement in Electrical Characteristics, Error
Flags, Error and Status Flag Bit Order.
Nov 18, 2010
Updated Absolute Maximum Ratings on page 6, Package Drawings and
Markings on page 39.
Dec 15, 2010
Updated package body temperature under Absolute Maximum Ratings.
1.5
Feb 24, 2011
Figure 12, Figure 13, Figure 14, Figure 15, Figure 16 updated. Added
Application Circuits.
1.6
Dec 19, 2011
Updated ESD parameter in Absolute Maximum Ratings on page 6.
1.7
Feb 16, 2012
Updated Package Drawings and Markings section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com