Electronic Components Datasheet Search
  English  ▼

X  

AS8221_V3 Datasheet(PDF) 29 Page - ams AG

Part # AS8221_V3
Description  FlexRay Standard Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221_V3 Datasheet(HTML) 29 Page - ams AG

Back Button AS8221_V3 Datasheet HTML 25Page - ams AG AS8221_V3 Datasheet HTML 26Page - ams AG AS8221_V3 Datasheet HTML 27Page - ams AG AS8221_V3 Datasheet HTML 28Page - ams AG AS8221_V3 Datasheet HTML 29Page - ams AG AS8221_V3 Datasheet HTML 30Page - ams AG AS8221_V3 Datasheet HTML 31Page - ams AG AS8221_V3 Datasheet HTML 32Page - ams AG AS8221_V3 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AS8221
Datasheet - Application In form atio n
www.austriamicrosystems.com/flexray/AS8221
Revision 1.7
29 - 42
9.10.3 Receiver Test Signal
Figure 17. Receiver Test Signal
22 ns
22 ns
tBIT
tBUS_RxD01
tBUS_RxD10
VBUS
RxD
300mV
-300mV
400mV
-400mV
tBUS_RxD10
tBUS_RxD01
tBIT
VBUS
RxD
22 ns
22 ns
300mV
-300mV
400mV
-400mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com