Electronic Components Datasheet Search
  English  ▼

X  

AS8221_V3 Datasheet(PDF) 33 Page - ams AG

Part # AS8221_V3
Description  FlexRay Standard Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221_V3 Datasheet(HTML) 33 Page - ams AG

Back Button AS8221_V3 Datasheet HTML 29Page - ams AG AS8221_V3 Datasheet HTML 30Page - ams AG AS8221_V3 Datasheet HTML 31Page - ams AG AS8221_V3 Datasheet HTML 32Page - ams AG AS8221_V3 Datasheet HTML 33Page - ams AG AS8221_V3 Datasheet HTML 34Page - ams AG AS8221_V3 Datasheet HTML 35Page - ams AG AS8221_V3 Datasheet HTML 36Page - ams AG AS8221_V3 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AS8221
Datasheet - Appendi x
www.austriamicrosystems.com/flexray/AS8221
Revision 1.7
33 - 42
IIO
VIO current consumption
--
State Transitions
tSTBN_RxD
Delay STBN high to RxD high with wake flag
set
--
tSTBN_RxEN
Delay STBN high to RxEN high with wake flag
set
--
tSLEEP_INH1
Delay STBN high to INH1 high
-
-
tSTANDBY_INH2
Delay STBN high to INH2 high
-
-
tSLEEP
GO-TO-SLEEP hold time
-
-
Transmitter
VBUS_DIFF_D0
Differential bus voltage low in NORMAL mode
(Data0)
uBDTxactive
Absolute value of uBus while sending
VBUS_DIFF_D1
Differential bus voltage high in NORMAL
mode (Data1)
uBDTxactive
Absolute value of uBus while sending
VBUS_DIFF
Matching between Data0 and Data1
differential bus voltage in NORMAL mode
--
VBUS_COM_D0
Common mode bus voltage in case of
Data0 in non-low-power modes
--
VBUS_COM_D1
Common mode bus voltage in case of
Data1 in non-low-power modes
--
VBUS_COM
Matching between Data0 and Data1
common mode voltage
--
VBUS_DIFF_Idle
Absolute differential bus voltage in idle mode
uBDTxidle
Absolute value of uBus, while Idle
IBPBMShortMax
IBMBPShortMax
Absolute maximum current when BP is
shorted to BM
IBPBMShortMax
IBMBPShortMax
Absolute maximum output current when BP
shorted to BM
IBPGNDShortMax
Absolute maximum current when BP is
shorted to GND
IBPGNDShortMax
Absolute maximum output current when
shorted to GND
IBMGNDShortMax
Absolute maximum current when BM is
shorted to GND
IBMGNDShortMax
Absolute maximum output current when
shorted to GND
IBP-5VShortMax
Absolute maximum current when BP is
shorted to -5V
IBP-5VShortMax
Absolute maximum output current when
shorted to -5V
IBM-5VShortMax
Absolute maximum current when BM is
shorted to -5V
IBM-5VShortMax
Absolute maximum output current when
shorted to -5V
IBP27VShortMax
Absolute maximum current when BP is
shorted to 27V
IBPBAT27VShortMax
Absolute maximum output current when
shorted to 27V
IBM27VShortMax
Absolute maximum current when BM is
shorted to 27V
IBMBAT27VShortMax
Absolute maximum output current when
shorted to 27V
Table 12. Comparison Table
AS8221 Datasheet
FlexRay
Electrical Physical Layer Specification V2.1 Rev. B
Symbol
Parameter
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com