Electronic Components Datasheet Search
  English  ▼

X  

AS5045ASSU Datasheet(PDF) 9 Page - ams AG

Part # AS5045ASSU
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045ASSU Datasheet(HTML) 9 Page - ams AG

Back Button AS5045ASSU Datasheet HTML 5Page - ams AG AS5045ASSU Datasheet HTML 6Page - ams AG AS5045ASSU Datasheet HTML 7Page - ams AG AS5045ASSU Datasheet HTML 8Page - ams AG AS5045ASSU Datasheet HTML 9Page - ams AG AS5045ASSU Datasheet HTML 10Page - ams AG AS5045ASSU Datasheet HTML 11Page - ams AG AS5045ASSU Datasheet HTML 12Page - ams AG AS5045ASSU Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
9 – 33
6.6
Electrical System Specifications
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0~3.6V (3V operation) VDD5V = 4.5~5.5V (5V operation)
unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Resolution
RES
12
bit
0.088 deg
Integral non-linearity
(optimum)
INLopt
± 0.5
deg
Maximum error with respect to
the best line fit. Centered magnet
without calibration, Tamb =25 °C.
Integral non-linearity
(optimum)
INLtemp
± 0.9
deg
Maximum error with respect to
the best line fit. Centered magnet
without calibration,
Tamb = -40 to +125°C
Integral non-linearity
INL
± 1.4
deg
Best line fit =
(Errmax – Errmin) / 2
Over displacement tolerance with
6mm diameter magnet, without
calibration,
Tamb = -40 to +125°C
Differential non-linearity
DNL
±0.044
deg
12bit, no missing codes
0.06
1 sigma, fast mode
(MODE = 1)
Transition noise
TN
0.03
deg
RMS
1 sigma, slow mode (MODE=0 or
open)
Power-on reset thresholds
On voltage; 300mV typ.
hysteresis
Off voltage; 300mV typ.
hysteresis
Von
Voff
1.37
1.08
2.2
1.9
2.9
2.6
V
DC supply voltage 3.3V
(VDD3V3)
DC supply voltage 3.3V
(VDD3V3)
20
Fast mode (Mode = 1); until
status bit OCF = 1
Power-up time
tPwrUp
80
ms
Slow mode (Mode = 0 or open);
until OCF = 1
96
Fast mode (MODE=1)
System propagation delay
absolute output : delay of
ADC, DSP and absolute
interface
tdelay
384
µs
Slow mode (MODE=0 or open)
2.48
2.61
2.74
Tamb = 25°C, slow mode
(MODE=0 or open)
Internal sampling rate for
absolute output:
fS
2.35
2.61
2.87
kHz
Tamb = -40 to +125°C, slow mode
(MODE=0 or open)
9.90
10.42
10.94
Tamb = 25°C, fast mode
(MODE = 1)
Internal sampling rate for
absolute output
fS
9.38
10.42
11.46
kHz
Tamb = -40 to +125°C, : fast mode
(MODE = 1)
Read-out frequency
CLK
1
MHz
Max. clock frequency to read out
serial data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com