Electronic Components Datasheet Search
  English  ▼

X  

AS5045ASSU Datasheet(PDF) 10 Page - ams AG

Part # AS5045ASSU
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045ASSU Datasheet(HTML) 10 Page - ams AG

Back Button AS5045ASSU Datasheet HTML 6Page - ams AG AS5045ASSU Datasheet HTML 7Page - ams AG AS5045ASSU Datasheet HTML 8Page - ams AG AS5045ASSU Datasheet HTML 9Page - ams AG AS5045ASSU Datasheet HTML 10Page - ams AG AS5045ASSU Datasheet HTML 11Page - ams AG AS5045ASSU Datasheet HTML 12Page - ams AG AS5045ASSU Datasheet HTML 13Page - ams AG AS5045ASSU Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
10 – 33
Figure 3. Integral and Differential Non-linearity (example)
180°
360 °
0 °
0
2048
4095
α
α12bit code
0
1
2
0.09°
INL
Ideal curve
Actual curve
TN
2048
4095
DNL+1LSB
[degrees]
Integral Non-Linearity (INL) is the maximum deviation between actual position and indicated position.
Differential Non-Linearity (DNL) is the maximum deviation of the step length from one position to the next.
Transition Noise (TN) is the repeatability of an indicated position
6.7
Timing Characteristics
6.7.1
Synchronous Serial Interface (SSI)
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0~3.6V (3V operation) VDD5V = 4.5~5.5V (5V operation)
unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Data output activated
(logic high)
t DO active
100
ns
Time between falling edge of CSn and data
output activated
First data shifted to output
register
tCLK FE
500
ns
Time between falling edge of CSn and first
falling edge of CLK
Start of data output
T CLK / 2
500
ns
Rising edge of CLK shifts out one bit at a
time
Data output valid
t DO valid
357
375
394
ns
Time between rising edge of CLK and data
output valid
Data output tristate
t DO tristate
100
ns
After the last bit DO changes back to
“tristate”
Pulse width of CSn
t CSn
500
ns
CSn = high; To initiate read-out of next
angular position
Read-out frequency
fCLK
>0
1
MHz
Clock frequency to read out serial data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com