Electronic Components Datasheet Search
  English  ▼

X  

AS5045ASSU Datasheet(PDF) 17 Page - ams AG

Part # AS5045ASSU
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045ASSU Datasheet(HTML) 17 Page - ams AG

Back Button AS5045ASSU Datasheet HTML 13Page - ams AG AS5045ASSU Datasheet HTML 14Page - ams AG AS5045ASSU Datasheet HTML 15Page - ams AG AS5045ASSU Datasheet HTML 16Page - ams AG AS5045ASSU Datasheet HTML 17Page - ams AG AS5045ASSU Datasheet HTML 18Page - ams AG AS5045ASSU Datasheet HTML 19Page - ams AG AS5045ASSU Datasheet HTML 20Page - ams AG AS5045ASSU Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
17 – 33
9.1
Changing the PWM Frequency
The PWM frequency of the AS5045 can be divided by two by setting a bit (PWMhalfEN) in the OTP register (see
chapter 11). With PWMhalfEN = 0 the PWM timing is as shown in Table 6:
Table 6.
PWM Signal Parameters (default mode)
Parameter
Symbol
Typ
Unit
Note
PWM frequency
fPWM
244
Hz
Signal period: 4097µs
MIN pulse width
PWMIN
1
µs
- Position 0d
- Angle 0 deg
MAX pulse width
PWMAX
4096
µs
- Position 4095d
- Angle 359.91 deg
When PWMhalfEN = 1, the PWM timing is as shown in Table 7:
Table 7.
PWM Signal Parameters with Half Frequency (OTP option)
Parameter
Symbol
Typ
Unit
Note
PWM frequency
fPWM
122
Hz
Signal period: 8194µs
MIN pulse width
PWMIN
2
µs
- Position 0d
- Angle 0 deg
MAX pulse width
PWMAX
8192
µs
- Position 4095d
- Angle 359.91 deg
10 Analog Output
An analog output can be generated by averaging the PWM signal, using an external active or passive low pass filter.
The analog output voltage is proportional to the angle: 0°= 0V; 360° = VDD5V.
Using this method, the AS5045 can be used as direct replacement of potentiometers.
Figure 9. Simple 2
nd Order Passive RC Low Pass Filter
Figure 9
shows an example of a simple passive low pass filter to generate the analog output.
R1, R2
≥ 4k7
C1, C2
≥ 1µF / 6V
R1 should be
≥4k7 to avoid loading of the PWM output. Larger values of Rx and Cx will provide better filtering and
less ripple, but will also slow down the response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com