Electronic Components Datasheet Search
  English  ▼

X  

AS5045ASSU Datasheet(PDF) 16 Page - ams AG

Part # AS5045ASSU
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045ASSU Datasheet(HTML) 16 Page - ams AG

Back Button AS5045ASSU Datasheet HTML 12Page - ams AG AS5045ASSU Datasheet HTML 13Page - ams AG AS5045ASSU Datasheet HTML 14Page - ams AG AS5045ASSU Datasheet HTML 15Page - ams AG AS5045ASSU Datasheet HTML 16Page - ams AG AS5045ASSU Datasheet HTML 17Page - ams AG AS5045ASSU Datasheet HTML 18Page - ams AG AS5045ASSU Datasheet HTML 19Page - ams AG AS5045ASSU Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
16 – 33
Figure 7. Daisy Chain Mode Data Transfer
D11
1
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
OCF COF
LIN
Mag
INC
Mag
DEC
D11
D
18
8
Status Bits
Angular Position Data
t
DO valid
t
DO active
T
CLK/2
t
CLK FE
CSn
DO
CLK
123
Even
PAR
D9
D10
1st Device
2nd Device
Angular Position Data
9
Pulse Width Modulation (PWM) Output
The AS5045 provides a pulse width modulated output (PWM), whose duty cycle is proportional to the measured
angle:
() 1
4097 −
+
⋅
=
off
on
on
t
t
t
Position
The PWM frequency is internally trimmed to an accuracy of
±5% (±10% over full temperature range). This tolerance
can be cancelled by measuring the complete duty cycle as shown above.
Figure 8. PWM Output Signal
1/fPWM
Angle
359.91 deg
(Pos 4095)
0 deg
(Pos 0)
1µs
4097µs
PWMIN
PWMAX
4096µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com