Electronic Components Datasheet Search
  English  ▼

X  

AMS2263MP Datasheet(PDF) 3 Page - Advanced Monolithic Systems Ltd

Part # AMS2263MP
Description  Extended Burst Mode Control For Improved
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2263MP Datasheet(HTML) 3 Page - Advanced Monolithic Systems Ltd

  AMS2263MP Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
GENERAL INFORMATION
Pin Configuration
The
AMS2263 is offered in SOT23-6, DIP8
and SOP8 packages, shown as below.
Ordering Information
Part Number
Description
AMS2263MP
SOT23-6,Pb-free
AMS2263AP
DIP8,Pb-free
AMS2263CP
SOP8,Pb-free
Package Dissipation Rating
Package
RθJA (°C/W)
DIP8
90
SOP8
150
SOT23-6
200
Absolute Maximum Ratings
Parameter
Value
VDD DC Supply Voltage
30 V
VDD Zener Clamp
VoltageNote
VDD_Clamp+0.1V
VDD DC Clamp Current
10 mA
VFB Input Voltage
-0.3 to 7V
VSENSE Input Voltage to
Sense Pin
-0.3 to 7V
VRI Input Voltage to RI Pin
-0.3 to 7V
Min/Max Operating
Junction Temperature TJ
-20 to 150 oC
Min/Max Storage
Temperature Tstg
-55 to 160 oC
Note: VDD_Clamp has a nominal value of 34V.
Stresses beyond those listed under “absolute
maximum ratings” may cause permanent damage
to the device. These are stress ratings only,
functional operation of the device at these or
any other conditions beyond those indicated
under “recommended operating conditions” is not
implied. Exposure to absolute maximum-rated
conditions for extended periods may affect device
reliability.
AMS 2263
3
Advanced Monolithic Systems http://www.ams-semitech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com