Electronic Components Datasheet Search
  English  ▼

X  

AMS2263MP Datasheet(PDF) 5 Page - Advanced Monolithic Systems Ltd

Part # AMS2263MP
Description  Extended Burst Mode Control For Improved
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2263MP Datasheet(HTML) 5 Page - Advanced Monolithic Systems Ltd

  AMS2263MP Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
VTH_0D
Zero Duty Cycle FB Threshold
Voltage
VDD = 16V,
RI=100Kohm
0.75 V
VTH_PL
Power Limiting FB Threshold
Voltage
3.7
V
TD_PL
Power limiting Debounce Time
47
mSec
ZFB_IN
Input Impedance
6
Kohm
DC_MAX
Maximum Duty Cycle
VDD=18V,RI=100Kohm,
FB=3V, CS=0
75
%
Current Sense Input(Sense Pin)
T_blanking
Leading edge blanking time
RI = 100 Kohm
330
ns
ZSENSE_IN
Input Impedance
40
Kohm
TD_OC
OCP Control Delay
GATE with 1nF to GND
120
nSec
VTH_OC
Over Current Threshold Voltage at
zero Duty Cycle
FB=3.3V, RI=100 Kohm
0.70 0.75
0.80 V
Oscillator
FOSC
Normal Oscillation Frequency
RI = 100 Kohm
60
65
70
KHZ
∆f_Temp
Frequency Temperature Stability
VDD = 16V,
RI=100Kohm, TA -20
oC
to 85 oC
5
%
∆f_VDD
Frequency Voltage Stability
VDD = 12-25V,
RI=100Kohm
5
%
RI_range
Operating RI Range
50
100
150
Kohm
V_RI_open
RI open load voltage
2
V
Fosc_BM
Burst Mode Base Frequency
VDD = 16V,
RI = 100Kohm
22
KHZ
Gate Drive Output
VOL
Output Low Level
VDD = 16V, Io = -20 mA
0.8
V
VOH
Output High Level
VDD = 16V, Io = 20 mA
10
V
V_Clamp
Output Clamp Voltage Level
18
V
T_r
Output Rising Time
VDD = 16V, CL = 1nf
200
nSec
T_f
Output Falling Time
VDD = 16V, CL = 1nf
70
nSec
Frequency Shuffling
∆f_OSC
Frequency Modulation range
/Base frequency
RI=100K
-3
3
%
f_shuffling
Shuffling Frequency
RI=100K
64
HZ
AMS 2263
5
Advanced Monolithic Systems http://www.ams-semitech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com